Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 43172015
Description  Coupler connector - CA-09P1N129008
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1620035
04/04/2016   Page 2 / 4
Coupler connector - CA-09P1N129008 - 1620035
Technical data
Data of the insulating body
Litz wire cross section of power contacts min.
0.08 mm²
Litz wire cross section of power contacts max.
2.5 mm²
Nominal current per power contact at 25°C
20 A
Nominal voltage, power contact
300 V
Contact diameter of signal contacts
1 mm
Litz wire cross section of signal contacts min.
0.08 mm²
Litz wire cross section of signal contacts max.
1 mm²
Nominal current per signal contact at 25°C
8 A
Nominal voltage, signal contact
300 V
Overvoltage category
II
Degree of pollution
3
Housing data
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-Zn)
Type of locking
SPEEDCON locking
Degree of protection (when plugged in)
IP67
Thread type
M23
Cable seal data
Min. cable diameter
10 mm
Max. cable diameter
14.5 mm
Sealing material
NBR
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
272607xx
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260702
eCl@ss 7.0
27440102
eCl@ss 8.0
27440102
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002635
ETIM 5.0
EC002635


Similar Part No. - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-17S1N122S00
43172015 PHOENIX-43172015 Datasheet
75Kb / 4P
   Device connector, front mounting - CA-12S1NA22S00
43172015 PHOENIX-43172015 Datasheet
51Kb / 3P
   Crimp contact - SL-1CKS010
43172015 PHOENIX-43172015 Datasheet
63Kb / 4P
   Cable connector - CA-06S1N128007
43172015 PHOENIX-43172015 Datasheet
43Kb / 2P
   Crimp contact - RC-6FP2000
More results

Similar Description - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1620136 PHOENIX-1620136 Datasheet
64Kb / 4P
   Coupler connector - CA-09P1N129006
1620141 PHOENIX-1620141 Datasheet
63Kb / 4P
   Coupler connector - CA-07S1N129006
1620119 PHOENIX-1620119 Datasheet
63Kb / 4P
   Coupler connector - CA-06S1N129007
1620047 PHOENIX-1620047 Datasheet
65Kb / 4P
   Coupler connector - CA-19P1N129007
1620120 PHOENIX-1620120 Datasheet
65Kb / 4P
   Coupler connector - CA-19P1N129006
1620121 PHOENIX-1620121 Datasheet
65Kb / 4P
   Coupler connector - CA-19S1N129006
1620031 PHOENIX-1620031 Datasheet
65Kb / 4P
   Coupler connector - CA-12P1N129008
1620023 PHOENIX-1620023 Datasheet
65Kb / 4P
   Coupler connector - CA-17P1N129008
1620140 PHOENIX-1620140 Datasheet
64Kb / 4P
   Coupler connector - CA-07P1N129006
1620052 PHOENIX-1620052 Datasheet
65Kb / 4P
   Coupler connector - CA-17S1N129007
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz