Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40A77 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 40A77
Description  77.76MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

40A77 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  40A77 Datasheet HTML 1Page - Integrated Circuit Systems 40A77 Datasheet HTML 2Page - Integrated Circuit Systems 40A77 Datasheet HTML 3Page - Integrated Circuit Systems 40A77 Datasheet HTML 4Page - Integrated Circuit Systems 40A77 Datasheet HTML 5Page - Integrated Circuit Systems 40A77 Datasheet HTML 6Page - Integrated Circuit Systems 40A77 Datasheet HTML 7Page - Integrated Circuit Systems 40A77 Datasheet HTML 8Page - Integrated Circuit Systems 40A77 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
840AG-77
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 7, 2005
1
Integrated
Circuit
Systems, Inc.
ICS840-77
77.76MHZ, LVCMOS/LVTTL
OSCILLATOR REPLACEMENT
PRELIMINARY
GENERAL DESCRIPTION
The ICS840-77 is a SONET Oscillator Replace-
ment and a member of the HiPerClocksTM
family of high performance devices from ICS.
The ICS840-77 uses a 19.44MHz crystal to
synthesize 77.76MHz. The ICS840-77 has
excellent jitter performance. The ICS840-77 is packaged in
a small 8-pin TSSOP, making it ideal for use in systems with
limited board space.
FEATURES
• One LVCMOS/LVTTL output, 15Ω output impedence
• Crystal oscillator interface designed for 19.44MHz,
18pF parallel resonant crystal
• Output frequency: 77.76MHz
• Random jitter: 2.82ps (typical)
• Deterministic jitter: 0.205ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
ICS840-77
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm package body
G Package
Top View
ICS840-77
8-Lead SOIC
3.90mm x 4.92mm x 1.37mm body package
M Package
Top View
1
2
3
4
8
7
6
5
BLOCK DIAGRAM
PIN ASSIGNMENT
Clock
Synthesizer
XTAL_IN
XTAL_OUT
OE
Q0
Pullup
19.44MHz
77.76MHz
Q1
VDD
XTAL_OUT
XTAL_IN
OE
Q1
Q0
VDDO
GND
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on
initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications
without notice.


Similar Part No. - 40A77

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
40A75 ICST-40A75 Datasheet
168Kb / 9P
   75MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
More results

Similar Description - 40A77

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840-75 ICST-ICS840-75 Datasheet
168Kb / 9P
   75MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS840-125 ICST-ICS840-125 Datasheet
166Kb / 9P
   125MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
logo
Integrated Device Techn...
83905I IDT-83905I Datasheet
498Kb / 21P
   LVCMOS/ LVTTL Fanout Buffer
ICS87001-01 IDT-ICS87001-01 Datasheet
717Kb / 12P
   LVCMOS/LVTTL CLOCK DIVIDER
logo
Renesas Technology Corp
ICS87001I-01 RENESAS-ICS87001I-01 Datasheet
579Kb / 15P
   LVCMOS/LVTTL Clock Divider
JANUARY 23, 2013
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
   LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
ICS87001-01 RENESAS-ICS87001-01 Datasheet
525Kb / 14P
   LVCMOS/LVTTL Clock Divider
JULY 2, 2013
logo
Integrated Circuit Syst...
ICS83032I ICST-ICS83032I Datasheet
140Kb / 10P
   75MHZ, 3-RD OVERTONE OSCILLATOR W/DUAL LVCMOS/LVTTL OUTPUTS
logo
Integrated Device Techn...
8302 IDT-8302 Datasheet
102Kb / 10P
   LVCMOS / LVTTL Fanout Buffer
IDT5V925BI IDT-IDT5V925BI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com