Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6U4AVM08AB Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MCIMX6U4AVM08AB
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX6U4AVM08AB Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MCIMX6U4AVM08AB Datasheet HTML 48Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 49Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 50Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 51Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 52Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 53Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 54Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 55Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
52
NXP Semiconductors
Electrical Characteristics
4.8.4
MLB I/O Differential Output Impedance
Table 38 shows MLB I/O differential output impedance of the i.MX 6Solo/6DualLite processors.
4.9
System Modules Timing
This section contains the timing and electrical parameters for the modules in each i.MX 6Solo/6DualLite
processor.
4.9.1
Reset Timings Parameters
Figure 11 shows the reset timing and Table 39 lists the timing parameters.
Figure 11. Reset Timing Diagram
4.9.2
WDOG Reset Timing Parameters
Figure 12 shows the WDOG reset timing and Table 40 lists the timing parameters.
Figure 12. WDOG1_B Timing Diagram
NOTE
XTALOSC_RTC_XTALI is approximately 32 kHz.
XTALOSC_RTC_XTALI cycle is one period or approximately 30
μs.
Table 38. MLB I/O Differential Output Impedance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Differential Output Impedance
Zo
1.6
k
Ω
Table 39. Reset Timing Parameters
ID
Parameter
Min
Max
Unit
CC1
Duration of SRC_POR_B to be qualified as valid.
1
XTALOSC_RTC_XTALI cycle
Table 40. WDOG1_B Timing Parameters
ID
Parameter
Min
Max
Unit
CC3
Duration of WDOG1_B Assertion
1
XTALOSC_RTC_XTALI cycle
SRC_POR_B
CC1
(Input)
WDOG1_B
CC3
(Output)


Similar Part No. - MCIMX6U4AVM08AB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6U4AVM08AB NXP-MCIMX6U4AVM08AB Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
MCIMX6U4AVM08AB NXP-MCIMX6U4AVM08AB Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
More results

Similar Description - MCIMX6U4AVM08AB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SDLAEC NXP-IMX6SDLAEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6DQPCEC NXP-IMX6DQPCEC Datasheet
3Mb / 168P
   i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
Rev. 3, 11/2018
IMXRT1060CEC NXP-IMXRT1060CEC Datasheet
1Mb / 111P
   i.MX RT1060 Crossover Processors for Consumer Products
Rev. 0.2, 02/2020
IMXRT1040CEC NXP-IMXRT1040CEC Datasheet
1Mb / 106P
   i.MX RT1040 Crossover Processors for Consumer Products
Rev. 2 - 01/2023
IMXRT1060XCEC NXP-IMXRT1060XCEC Datasheet
1Mb / 102P
   i.MX RT1060X Crossover Processors for Consumer Products
Rev. 1 - 06/2022
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
   i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com