Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1620031 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1620031
Description  Coupler connector - CA-12P1N129008
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620031 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1620031 Datasheet HTML 1Page - PHOENIX CONTACT 1620031 Datasheet HTML 2Page - PHOENIX CONTACT 1620031 Datasheet HTML 3Page - PHOENIX CONTACT 1620031 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1620031
04/04/2016   Page 2 / 4
Coupler connector - CA-12P1N129008 - 1620031
Technical data
Data of the insulating body
Litz wire cross section of power contacts min.
0.08 mm²
Litz wire cross section of power contacts max.
1 mm²
Nominal current per power contact at 25°C
8 A
Nominal voltage, power contact
150 V
Overvoltage category
II
Degree of pollution
3
Housing data
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-Zn)
Type of locking
SPEEDCON locking
Degree of protection (when plugged in)
IP67
Thread type
M23
Cable seal data
Min. cable diameter
10 mm
Max. cable diameter
14.5 mm
Sealing material
NBR
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
272607xx
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260702
eCl@ss 7.0
27440102
eCl@ss 8.0
27440102
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002635
ETIM 5.0
EC002635
UNSPSC
UNSPSC 6.01
43172015
UNSPSC 7.0901
43201404
UNSPSC 11
43172015
UNSPSC 12.01
43201404


Similar Part No. - 1620031

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
162003 ADELS-162003 Datasheet
125Kb / 3P
   AC 166 GST/ 3 pebble grey
12/11/2019
logo
Festo Corporation.
162003 FESTO-162003 Datasheet
95Kb / 1P
   Dual piston rod cylinder
logo
PHOENIX CONTACT
1620032 PHOENIX-1620032 Datasheet
64Kb / 4P
   Coupler connector - CA-12S1N129008
1620033 PHOENIX-1620033 Datasheet
604Kb / 19P
   CA-09P1N8A9008 - Coupler connector
1620034 PHOENIX-1620034 Datasheet
580Kb / 17P
   CA-09S1N8A9008 - Coupler connector
More results

Similar Description - 1620031

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620114 PHOENIX-1620114 Datasheet
64Kb / 4P
   Coupler connector - CA-07P1N129007
1620074 PHOENIX-1620074 Datasheet
65Kb / 4P
   Coupler connector - CA-12P1N129007
1620075 PHOENIX-1620075 Datasheet
64Kb / 4P
   Coupler connector - CA-12S1N129007
1620159 PHOENIX-1620159 Datasheet
259Kb / 5P
   Coupler connector - CA-12P1N1290DN
1620048 PHOENIX-1620048 Datasheet
65Kb / 4P
   Coupler connector - CA-19S1N129007
1620042 PHOENIX-1620042 Datasheet
63Kb / 4P
   Coupler connector - CA-07S1N129008
1620172 PHOENIX-1620172 Datasheet
63Kb / 4P
   Coupler connector - CA-06S1N1290DN
1620144 PHOENIX-1620144 Datasheet
64Kb / 4P
   Coupler connector - CA-06P1N129006
1620024 PHOENIX-1620024 Datasheet
65Kb / 4P
   Coupler connector - CA-17S1N129008
1620045 PHOENIX-1620045 Datasheet
64Kb / 4P
   Coupler connector - CA-06P1N129008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com