Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6812WP27 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6812WP27
Description  Ultra Low Power 8-bit FLASH Microcontroller
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812WP27 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6812WP27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Table of contents
1
EM6812 at a glance
2
2
Circuit Connectivity
5
2.1
Terminal usage
6
2.2
Programming connections
7
3
Operating modes
8
3.1
Active mode
8
3.2
Standby Mode
8
3.3
Sleep Mode
8
3.4
System registers
9
4
Program Memory
10
4.1
Memory miss
10
5
Data Memory
12
5.1
SRAM
12
5.2
General Purpose Registers, 16 Bytes
13
5.3
Dual Port RAM
13
5.3.1
CPU R/W access to DPR
13
5.3.2
External Write Access to DPR
14
5.3.3
Read Access from DPR
14
5.3.4
Conflict handling
15
5.3.5
Register overview
15
6
CPU
16
7
Reset Controller
17
7.1
Basic features
17
7.1.1
Reset functions registers
18
7.2
POR and PowerCheck
19
7.3
Reset Pad
20
7.4
PortA Input Reset
20
7.5
BrownOut reset
21
7.5.1
BO Timings
21
7.6
Watchdog
22
7.6.1
Watchdog counter
22
7.6.2
Lock/Unlock
22
8
Clock management
23
8.1
Basic features
23
8.1.1
Overview
23
8.2
High frequency clock source
24
8.2.1
RC oscillator
24
8.2.2
High frequency external clock
25
8.3
Low frequency clock source:
26
8.3.1
Crystal oscillator
26
8.3.2
Low frequency external clock
27
8.3.3
Data input on OscOut
27
8.4
Clock synchronization
27
8.5
CPU clock selection
28
8.6
Peripheral clocks generation
28
8.6.1
Prescaler2 (10 stages)
29
8.6.2
Prescaler1 (15 stages)
30
8.7
RC clock trimming with Xtal oscillator
31
8.8
Registers overview
32
9
Supply Voltage Level Detector (SVLD)
33
10 Port A
34
10.1
Basic features
34
10.1.1
Overview
35
10.1.2
Register map, PA IO functions
36
10.1.3
IO Operation
37
10.2
Port A Interrupt requests
38
10.2.1
Debouncer
38
10.3
Reset and Wake-up
39
10.3.1
Register map
40
10.3.2
Input splitting
40
10.3.3
Actions
40
10.3.4
Condition match
40
10.3.5
Don’t care bits
41
10.3.6
Debouncer
41
10.4
Oscillation Loop
41
10.4.1
Inverter function
41
10.5
Dual Port RAM interface
41
11 Port B
42
11.1
Basic features
42
11.1.1
Special function priority handling
42
11.1.2
Overview
43
11.2
Register map, PB IO functions
44
11.3
Normal IO operation
45
11.4
Special IO operation
45
11.4.1
Frequency Output
45
11.4.2
SPI outputs
46
11.4.3
SPI inputs
46
11.4.4
Dual Port RAM terminals
46
12 Serial Port Interface
47
12.1
Basic features:
47
12.1.1
Overview:
47
12.1.2
SPI terminal configuration
48
12.2
Functionality
48
12.2.1
Master and Slave modes
48
12.2.2
Fix data stream Output (Auto-Start)
48
12.2.3
SPI Interruptions
48
12.2.4
SPI edge and synchronization selection 49
12.2.5
SPI start-up
49
12.2.6
MSB or LSB first selection
49
12.3
Registers overview:
50
13 Timers
51
13.1
Basic features:
51
13.2
Functionality
52
13.2.1
Auto-Reload mode
52
13.2.2
Zero-Stop mode
53
13.2.3
Start control system
54
13.2.4
Stopping the timer
57
13.2.5
Clock selection
57
13.2.6
PWM and Frequency generation
57
13.2.7
16-bits configuration
58
13.2.8
Interrupts
59
13.3
Recommended programming order
60
13.4
Registers overview:
60
13.4.1
General configuration registers
60
13.4.2
Timer1 configuration
61
13.4.3
Timer2 configuration
62
13.4.4
Timer3 configuration
63
13.4.5
Timer4 configuration
64
14 Interruptions
65
14.1
Basic features
65
14.2
Interrupt acquisition
66
14.2.1
Interrupt acquisition masking.
67
14.2.2
Interrupt acquisition Clearing
67
14.2.3
Register map, Interrupt acquisition
67
14.3
CPU Interrupt and Event handling
68
14.3.1
Interrupt priority
68
14.3.2
CPU Status register
69
14.3.3
CPU Status register pipeline exception 69
14.3.4
Processor vector table
70
14.3.5
Context Saving
70


Similar Part No. - EM6812WP27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6819 EMMICRO-EM6819 Datasheet
2Mb / 154P
   Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
EM6819 EMMICRO-EM6819 Datasheet
383Kb / 2P
   Tool Kit for EM6819 Family
EM6819 EMMICRO-EM6819_14 Datasheet
383Kb / 2P
   Tool Kit for EM6819 Family
logo
Emerging Memory & Logic...
EM681F32-45LF EMLSI-EM681F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM681F32-45LL EMLSI-EM681F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6812WP27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 56P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580 EMMICRO-EM6580_07 Datasheet
1Mb / 55P
   Ultra Low Power 8-pin Flash Microcontroller
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51RE2 ATMEL-AT89C51RE2 Datasheet
2Mb / 187P
   8-bit Flash Microcontroller
AT89C51ED2-SMRUM ATMEL-AT89C51ED2-SMRUM Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2_05 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com