Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6812WP27 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6812WP27
Description  Ultra Low Power 8-bit FLASH Microcontroller
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812WP27 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6812WP27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6812WP27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
2
Circuit Connectivity
The EM6812 has the same pin-out in both the SO24 and TSSOP24 pin package.
Minimum connectivity includes the power supply on VSS and VDD, a capacitor on Vreg, and de-coupling capacitance on VDD.
Circuit reference terminal (substrate) is on VSS.
The 32kHz Crystal is only needed for systems requiring low frequency Crystal operation.
The integrated supply voltage regulator filters supply noise and allows lowest power peripheral operations. For proper
operation, a capacitor (470nF minimum) must be connected to the regulator’s VREG terminal. This terminal must not be
used for any other outside connection.
Figure 1: Sample minimum connectivity
Note:
ALL circuit IO's (except OscIn) are on VDD level. OscIn terminal is only used in conjunction with an quartz Crystal. The
terminal input voltages must never exceed the Vreg voltage.
The quartz crystal should be shielded with VSS to keep noise away.
When using the Crystal oscillator PA[7] and PA[6] should preferably used as static inputs only to avoid noise coupling
on the OscIn and OscOut high impedance inputs.
PB3
PB2
PB1
PB0
i.c.
VSS
Test
Reset
PA0
PA1
PA2
PA3
PA7
PA6
PA5
PA4
Vreg
VDD
OscOut
OscIn
PB5
PB6
PB7
VDD
32khz
VDD
VSS
470nF
PB4
Reset
Button
Shield
with
VSS
VSS
10k


Similar Part No. - EM6812WP27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6819 EMMICRO-EM6819 Datasheet
2Mb / 154P
   Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
EM6819 EMMICRO-EM6819 Datasheet
383Kb / 2P
   Tool Kit for EM6819 Family
EM6819 EMMICRO-EM6819_14 Datasheet
383Kb / 2P
   Tool Kit for EM6819 Family
logo
Emerging Memory & Logic...
EM681F32-45LF EMLSI-EM681F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM681F32-45LL EMLSI-EM681F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6812WP27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 56P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580 EMMICRO-EM6580_07 Datasheet
1Mb / 55P
   Ultra Low Power 8-pin Flash Microcontroller
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51RE2 ATMEL-AT89C51RE2 Datasheet
2Mb / 187P
   8-bit Flash Microcontroller
AT89C51ED2-SMRUM ATMEL-AT89C51ED2-SMRUM Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2_05 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com