Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6812F8SO24B Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM6812F8SO24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F8SO24B Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM6812F8SO24B Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6812F8SO24B Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6812F8SO24B Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6812F8SO24B Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6812F8SO24B Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6812F8SO24B Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6812F8SO24B Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6812F8SO24B Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6812F8SO24B Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
2.1
Terminal usage
Table 1. Circuit terminals
Pin
Name
Description
SPI & PWM
Dual
Port
RAM
Programming
connections
1
PB4
IO
Standard IO
DPRData[4]
2
PB5
IO
Standard IO
SCLK
DPRData[5]
SCLK
3
PB6
IO
Standard IO
SOUT
DPRData[6]
4
PB7
IO
Standard IO
SIN
DPRData[7]
SDIO
5
Vreg
Sup
Connect min 470nF
6
VDD
Sup
Main power supply
VDD
7
OscOut
In
Crystal, External LF Clock input,
Data input
8
OscIn
In
Crystal only connection
9
PA7
IO,
Standard IO, IRQ, timer start & clock,
10
PA6
IO,
Standard IO, IRQ, timer start & clock
11
PA5
IO,
Standard IO, IRQ, timer start & clock
12
PA4
IO
Standard IO, IRQ, timer start & clock
13
PA3
IO
Standard IO, IRQ, timer start & clock
ExtAdr[1]
14
PA2
IO
Standard IO, IRQ, timer start & clock
ExtAdr[0]
15
PA1
IO
Standard IO, IRQ, timer start & clock
ExtWEn
16
PA0
IO
Standard IO, IRQ, timer start & clock
ExtCen
17
Reset
In
Reset input, active high with internal pull-down
resistor
18
Test
In
EM test and Program high Voltage
See note.
VPP
19
VSS
Sup
Reference terminal
VSS
20
i.c.
Used for EM test purposes, internally connected. Must not be connected externally
21
PB0
IO
Standard IO, drive 2
PWM
DPRData[0]
22
PB1
IO
Standard IO, drive 2
PWM
DPRData[1]
23
PB2
IO
Standard IO, drive 2
PWM
DPRData[2]
24
PB3
IO
Standard IO, drive 2
PWM
DPRData[3]
Notes
:
Connection on Test pin:
On Flash device, either connect to VSS via a 10kOhm resistor (as close as possible to VSS pad) or foresee a jumper
for programming (VSS or VPP connection)
Connection on pin i.c. (i.c stands for internally connected).
This pin is used in EM test modes. No external connection must be made on this pin.


Similar Part No. - EM6812F8SO24B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6819 EMMICRO-EM6819 Datasheet
2Mb / 154P
   Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
EM6819 EMMICRO-EM6819 Datasheet
383Kb / 2P
   Tool Kit for EM6819 Family
EM6819 EMMICRO-EM6819_14 Datasheet
383Kb / 2P
   Tool Kit for EM6819 Family
logo
Emerging Memory & Logic...
EM681F32-45LF EMLSI-EM681F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM681F32-45LL EMLSI-EM681F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6812F8SO24B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 56P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580 EMMICRO-EM6580_07 Datasheet
1Mb / 55P
   Ultra Low Power 8-pin Flash Microcontroller
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51RE2 ATMEL-AT89C51RE2 Datasheet
2Mb / 187P
   8-bit Flash Microcontroller
AT89C51ED2-SMRUM ATMEL-AT89C51ED2-SMRUM Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2_05 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com