Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7904PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7904PBF
Description  Dual SO-8 MOSFET for POL Converters in Notebook Computers, Servers, Graphics Cards, Game Consoles and Set-Top Box
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7904PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7904PBF Datasheet HTML 1Page - International Rectifier IRF7904PBF Datasheet HTML 2Page - International Rectifier IRF7904PBF Datasheet HTML 3Page - International Rectifier IRF7904PBF Datasheet HTML 4Page - International Rectifier IRF7904PBF Datasheet HTML 5Page - International Rectifier IRF7904PBF Datasheet HTML 6Page - International Rectifier IRF7904PBF Datasheet HTML 7Page - International Rectifier IRF7904PBF Datasheet HTML 8Page - International Rectifier IRF7904PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF7904PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 3. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 5. Typical Transfer Characteristics
Fig 6. Typical Transfer Characteristics
1.0
2.0
3.0
4.0
5.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
VDS = 15V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 150°C
1.0
2.0
3.0
4.0
5.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
VDS = 15V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 150°C
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 25°C
2.5V
VGS
TOP
10V
8.0V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
≤ 60µs PULSE WIDTH
Tj = 150°C
2.5V
VGS
TOP
10V
8.0V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
≤ 60µs PULSE WIDTH
Tj = 25°C
2.5V
VGS
TOP
10V
8.0V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
≤ 60µs PULSE WIDTH
Tj = 150°C
2.5V
VGS
TOP
10V
8.0V
5.0V
4.5V
4.0V
3.5V
3.0V
BOTTOM
2.5V


Similar Part No. - IRF7904PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7904PBF IRF-IRF7904PBF Datasheet
261Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7904PBF-1 IRF-IRF7904PBF-1 Datasheet
313Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7904PBF-1 IRF-IRF7904PBF-1_15 Datasheet
313Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7904PBF IRF-IRF7904PBF_15 Datasheet
261Kb / 10P
   Improved Body Diode Reverse Recovery
More results

Similar Description - IRF7904PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8910PBF IRF-IRF8910PBF_08 Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF9910 IRF-IRF9910 Datasheet
279Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GTRPBF IRF-IRF8910GTRPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
IRF8915TRPBF IRF-IRF8915TRPBF Datasheet
291Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop
logo
Maxim Integrated Produc...
MAX8775 MAXIM-MAX8775 Datasheet
1Mb / 30P
   Dual and Combinable Graphics Core Controller for Notebook Computers
Rev 0; 11/06
MAX17007A MAXIM-MAX17007A Datasheet
708Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 2; 10/08
logo
International Rectifier
IRF7905TRPBF IRF-IRF7905TRPBF Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL
logo
Maxim Integrated Produc...
MAX17007A MAXIM-MAX17007A_10 Datasheet
943Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 3; 9/10
MAX17007 MAXIM-MAX17007 Datasheet
579Kb / 35P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 0; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com