Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6812 Datasheet(PDF) 44 Page - EM Microelectronic - MARIN SA

Part # EM6812
Description  Ultra Low Power 8-bit FLASH Microcontroller
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812 Datasheet(HTML) 44 Page - EM Microelectronic - MARIN SA

Back Button EM6812 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6812 Datasheet HTML 48Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
44
www.emmicroelectronic.com
11.2
Register map, PB IO functions
Table 38. Port B registers overview
Functions
Register name
Basic function
RegInPB
Direct read of input terminal state
RegOutPB
Data output register
Base
RegIOSelPB
Direction selection
RegPullUpPB
Pull-up resistor selection
RegPullDownPB
Pull-down resistor selection
Pull resistor and
open drain
RegOpenDrainPB
Enable n-channel open drain output
Dual Port RAM selection
Freq. output selection
Serial Interface selection
RegCfgPB
Configures the corresponding bits accordingly the mode
selection. See also 11.1.1 Special function priority handling
Signal selection
RegSigSel
Selection of the internal signal to put on port B
Table 39. Port B registers
RegInPB
0x30
Input register
Bit
Name
Res
Reset by
R/W
Description
7-0
PBIn[7:0]
--
-
R
Direct read of input terminal state
‘0’=read low, ‘1’= read high
RegOutPB
0x31
Output data
Bit
Name
Res
Reset by
R/W
Description
7-0
OutPB[7:0]
00
ResSys
R/W
Data output register
‘0’= output low, ‘1’=output high
RegIOSelPB
0x34
Direction register
Bit
Name
Res
Reset by
R/W
Description
7-0
IOSelPB[7:0]
00
ResSys
R/W
Direction selection;
‘1’=Output, ‘0’=Input
RegPullUpPB
0x36
Pull-up selection
Bit
Name
Res
Reset by
R/W
Description
7-0
PullUpPB[7:0]
00
ResMain
R/W
Pull-up resistor selection
‘0’=no pull-up, ‘1’=pull-up enabled
RegPullDownPB
0x37
Pull-down selection
Bit
Name
Res
Reset by
R/W
Description
7-0
PullDownPB[7:0]
FF
ResMain
R/W
Pull-down resistor selection
‘0’=no pull-down, ‘1’=pull-down enabled (if no pull-
up)
RegOpenDrainPB
0x35
N-channel Open drain selection
Bit
Name
Res
Reset by
R/W
Description
7-0
OpenDrainPB[7:0]
00
ResMain
R/W
N-channel open drain selection (if output)
‘0’=CMOS mode, ‘1’= open drain enabled
RegCfgPB
0x32
Port B configuration settings, DPR, SPI, Signals
Bit
Name
Res
Reset by
R/W
Description
7
EnDualRAM
0
ResSys
R/W
Enable the Dual Port RAM
6
EnSPI
0
ResSys
R/W
Enable the Serial Interface function
5
EnSig1
0
ResSys
R/W
Connecting the internal Signal1 on PB[0]
4
EnSig2
0
ResSys
R/W
Connecting the internal Signal2 on PB[1]
3
EnSig3
0
ResSys
R/W
Connecting the internal Signal3 on PB[2]
2
EnSig4
0
ResSys
R/W
Connecting the internal Signal4 on PB[3]
1
-
--
--
R
Reads ‘0’
0
-
--
--
R
Reads ‘0’


Similar Part No. - EM6812

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6819 EMMICRO-EM6819 Datasheet
2Mb / 154P
   Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
EM6819 EMMICRO-EM6819 Datasheet
383Kb / 2P
   Tool Kit for EM6819 Family
EM6819 EMMICRO-EM6819_14 Datasheet
383Kb / 2P
   Tool Kit for EM6819 Family
logo
Emerging Memory & Logic...
EM681F32-45LF EMLSI-EM681F32-45LF Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM681F32-45LL EMLSI-EM681F32-45LL Datasheet
70Kb / 11P
   256K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6812

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6580 EMMICRO-EM6580 Datasheet
1Mb / 56P
   Ultra Low Power 8-pin Flash Microcontroller
EM6580 EMMICRO-EM6580_07 Datasheet
1Mb / 55P
   Ultra Low Power 8-pin Flash Microcontroller
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
AT89C51RE2 ATMEL-AT89C51RE2 Datasheet
2Mb / 187P
   8-bit Flash Microcontroller
AT89C51ED2-SMRUM ATMEL-AT89C51ED2-SMRUM Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2_05 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com