Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50017 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # ZL50017
Description  1 K Digital Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50017 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  ZL50017 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50017 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50017 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50017 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50017 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50017 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50017 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50017 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50017 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
ZL50017
Data Sheet
List of Figures
4
Zarlink Semiconductor Inc.
Figure 1 - ZL50017 Functional Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2 - ZL50017 256-Ball 17 mm x 17 mm PBGA (as viewed through top of package) . . . . . . . . . . . . . . . . . . . 7
Figure 3 - ZL50017 256-Lead 28 mm x 28 mm LQFP (top view). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4 - Input Timing when CKIN1 - 0 bits = “10” in the CR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 5 - Input Timing when CKIN1 - 0 bits = “01” in the CR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 6 - Input Timing when CKIN1 - 0 = “00” in the CR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 7 - Input Bit Delay Timing Diagram (ST-BUS). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 8 - Input Bit Sampling Point Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 9 - Input Bit Delay and Factional Sampling Point . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 10 - Output Bit Advancement Timing Diagram (ST-BUS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 11 - Output Fractional Bit Advancement Timing Diagram (ST-BUS). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 12 - Data Throughput Delay for Variable Delay . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 13 - Data Throughput Delay for Constant Delay. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 14 - Timing Parameter Measurement Voltage Levels. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 15 - Motorola Non-Multiplexed Bus Timing - Read Access . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 16 - Motorola Non-Multiplexed Bus Timing - Write Access. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 17 - Intel Non-Multiplexed Bus Timing - Read Access . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 18 - Intel Non-Multiplexed Bus Timing - Write Access . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 19 - JTAG Test Port Timing Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 20 - Frame Pulse Input and Clock Input Timing Diagram (ST-BUS). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 21 - Frame Pulse Input and Clock Input Timing Diagram (GCI-Bus) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 22 - ST-BUS Input and Output Timing Diagram when Operated at 2, 4, 8 and 16 Mbps . . . . . . . . . . . . . . 47
Figure 23 - GCI-Bus Input and Output Timing Diagram when Operated at 2, 4, 8 and 16 Mbps . . . . . . . . . . . . . 48


Similar Part No. - ZL50017

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50017 ZARLINK-ZL50017 Datasheet
498Kb / 51P
   1 K Digital Switch
ZL50017GAC ZARLINK-ZL50017GAC Datasheet
498Kb / 51P
   1 K Digital Switch
ZL50017GAG2 ZARLINK-ZL50017GAG2 Datasheet
498Kb / 51P
   1 K Digital Switch
ZL50017QCC ZARLINK-ZL50017QCC Datasheet
498Kb / 51P
   1 K Digital Switch
ZL50017QCG1 ZARLINK-ZL50017QCG1 Datasheet
498Kb / 51P
   1 K Digital Switch
More results

Similar Description - ZL50017

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50017_0611 ZARLINK-ZL50017_0611 Datasheet
498Kb / 51P
   1 K Digital Switch
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
ZL50016 ZARLINK-ZL50016_06 Datasheet
673Kb / 81P
   Enhanced 1 K Digital Switch
ZL50030 ZARLINK-ZL50030 Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50030 ZARLINK-ZL50030_06 Datasheet
675Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
logo
ON Semiconductor
MUN2230 ONSEMI-MUN2230_15 Datasheet
105Kb / 12P
   Digital Transistors (BRT) R1 = 1 k, R2 = 1 k
January, 2015 ??Rev. 3
MUN2130 ONSEMI-MUN2130 Datasheet
137Kb / 10P
   Digital Transistors (BRT) R1 = 1 k, R2 = 1 k
February, 2013 ??Rev. 2
logo
Zarlink Semiconductor I...
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com