Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V641620ET Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY57V641620ET
Description  64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V641620ET Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY57V641620ET Datasheet HTML 1Page - Hynix Semiconductor HY57V641620ET Datasheet HTML 2Page - Hynix Semiconductor HY57V641620ET Datasheet HTML 3Page - Hynix Semiconductor HY57V641620ET Datasheet HTML 4Page - Hynix Semiconductor HY57V641620ET Datasheet HTML 5Page - Hynix Semiconductor HY57V641620ET Datasheet HTML 6Page - Hynix Semiconductor HY57V641620ET Datasheet HTML 7Page - Hynix Semiconductor HY57V641620ET Datasheet HTML 8Page - Hynix Semiconductor HY57V641620ET Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 1.5 / Feb. 2005
4
Synchronous DRAM Memory 64Mbit (4Mx16bit)
HY57V641620E(L/S)T(P) Series
PIN DESCRIPTION
SYMBOL
TYPE
DESCRIPTION
CLK
Clock
The system clock input. All other inputs are registered to the
SDRAM on the rising edge of CLK
CKE
Clock Enable
Controls internal clock signal and when deactivated, the SDRAM will
be one of the states among power down, suspend or self refresh
CS
Chip Select
Enables or disables all inputs except CLK, CKE, UDQM and LDQM
BA0, BA1
Bank Address
Selects bank to be activated during RAS activity
Selects bank to be read/written during CAS activity
A0 ~ A11
Address
Row Address: RA0 ~ RA11, Column Address: CA0 ~ CA7
Auto-precharge flag: A10
RAS, CAS, WE
Row Address Strobe,
Column Address Strobe,
Write Enable
RAS, CAS and WE define the operation
Refer function truth table for details
UDQM, LDQM
Data Input/Output Mask
Controls output buffers in read mode and masks input data in write
mode
DQ0 ~ DQ15
Data Input / Output
Multiplexed data input / output pin
VDD / VSS
Power Supply / Ground
Power supply for internal circuits and input buffers
VDDQ / VSSQ
Data Output Power /
Ground
Power supply for output buffers
NC
No Connection
No connection


Similar Part No. - HY57V641620ET

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V641620HG HYNIX-HY57V641620HG Datasheet
86Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HG-I HYNIX-HY57V641620HG-I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HGLT-5I HYNIX-HY57V641620HGLT-5I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HGLT-8I HYNIX-HY57V641620HGLT-8I Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
HY57V641620HGLT-HI HYNIX-HY57V641620HGLT-HI Datasheet
145Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V641620ET

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
H57V2562GTR-60C HYNIX-H57V2562GTR-60C Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GTR-60I HYNIX-H57V2562GTR-60I Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
HY57V281620ET HYNIX-HY57V281620ET Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V1262GFR-50X HYNIX-H57V1262GFR-50X Datasheet
256Kb / 12P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V1262GTR-50X HYNIX-H57V1262GTR-50X Datasheet
205Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V2562GFR-60C HYNIX-H57V2562GFR-60C Datasheet
279Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2582GTR-60C HYNIX-H57V2582GTR-60C Datasheet
228Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
H57V2582GTR-60I HYNIX-H57V2582GTR-60I Datasheet
229Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
H55S1262EFP-60E HYNIX-H55S1262EFP-60E Datasheet
733Kb / 54P
   128MBit MOBILE SDR SDRAMs based on 2M x 4Bank x16 I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com