Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS525RI-11T Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS525RI-11T
Description  User Configurable Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525RI-11T Datasheet(HTML) 8 Page - Integrated Circuit Systems

  ICS525RI-11T Datasheet HTML 1Page - Integrated Circuit Systems ICS525RI-11T Datasheet HTML 2Page - Integrated Circuit Systems ICS525RI-11T Datasheet HTML 3Page - Integrated Circuit Systems ICS525RI-11T Datasheet HTML 4Page - Integrated Circuit Systems ICS525RI-11T Datasheet HTML 5Page - Integrated Circuit Systems ICS525RI-11T Datasheet HTML 6Page - Integrated Circuit Systems ICS525RI-11T Datasheet HTML 7Page - Integrated Circuit Systems ICS525RI-11T Datasheet HTML 8Page - Integrated Circuit Systems ICS525RI-11T Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
User Configurable Clock
MDS 525-01/02/11/12 Q
8
Revision 101105
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS525-01/02/11/12
NOTE 1: Phase relationship between input and output can change at power-up. For a fixed phase
relationship, see the ICS527.
NOTE 2: For 16 MHz, 100 MHz output. Use the -02 for lowest jitter.
Package Outline and Package Dimensions (28-pin SSOP, 150 mil Body)
Package dimensions are kept current with JEDEC Publication No. 95, MO-153
INDEX
AREA
1 2
28
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
1.351.75.053
.069
A1
0.10
0.25
.0040
.010
A2
--
1.50
--
.059
b
0.200.30.008
.012
C
0.180.25.007
.010
D
9.80
10.00
.386
.394
E
5.806.20.228
.244
E1
3.80
4.00
.150
.157
e
0.635 Basic
0.025 Basic
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - ICS525RI-11T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525RI-07 ICST-ICS525RI-07 Datasheet
187Kb / 9P
   LVCMOS User Configurable Clock
ICS525RI-07LF ICST-ICS525RI-07LF Datasheet
187Kb / 9P
   LVCMOS User Configurable Clock
ICS525RI-07LFT ICST-ICS525RI-07LFT Datasheet
187Kb / 9P
   LVCMOS User Configurable Clock
ICS525RI-07T ICST-ICS525RI-07T Datasheet
187Kb / 9P
   LVCMOS User Configurable Clock
ICS525RI-08 ICST-ICS525RI-08 Datasheet
187Kb / 9P
   LVCMOS User Configurable Clock
More results

Similar Description - ICS525RI-11T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
ICS5250708 ICST-ICS5250708 Datasheet
187Kb / 9P
   LVCMOS User Configurable Clock
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
   OSCaR-TM User Configurable PECL Clock
logo
Renesas Technology Corp
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
   OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com