Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS527-02 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS527-02
Description  Clock Slicer User Configurable PECL Input Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS527-02 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS527-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS527-02 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Clock Slicer User Configurable PECL Input Zero Delay Buffer
MDS 527-02 F
4
Revision 022806
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS527-02
the correct clock when mounted on the board. It is also
possible to connect the inputs to parallel I/O ports in
order to switch frequencies.
The output of the ICS527-02 can be determined by the
following simple equation:
Where:
Reference Divider Word (RDW) = 0 to 127
Feedback Divider Word (FDW) = 0 to 127
FB Frequency is the same as either CLK1 or
CLK2 depending on feedback connection
Also, the following operating ranges should be
observed:
S0 and S1 should be selected depending on the
frequency of CLK1. The table on page 2 gives the
ranges.
The dividers are expressed as integers. For example, if
a 50 MHz output on CLK1 is desired from a 40 MHz
input, the reference divider word (RDW) should be 2
and the feedback divider word (FDW) should be 3
which gives the required 5/4 multiplication. If multiple
choices of dividers are available, then the lowest
numbers should be used. In this example, the output
divide (OD) should be selected to be 2. Then R6:R0 is
0000010, F6:F0 is 0000011 and S1:S0 is 00. Also, this
example assumes CLK1 is connected to FBIN.
If you need assistance determining the optimum divider
settings, please send an e-mail to
mk-support@icst.com with the desired input clock and
the desired output frequency.
Typical Example
The layout diagram below will produce the waveforms shown on the right.
Note: The series termination resistor is located before the feedback trace
FB Frequency
Input Frequency
FDW
2
+
RDW
2
+
------------------------
×
=
300kHz
Input Frequency
RDW
2
+
-------------------------------------------
20 MHz
<<
40 MHz
PECLIN
50 MHz
CLK1
SYNC
CLK2
PECLIN
FBIN
PECLIN
F6
F5
GND
F4
OECLK2
F0
F1
F2
F3
CLK1
CLK2
GND
S1
VDD
R0
VDD
DIV2
S0
R2
R1
R5
R6
R4
R3
PECLIN
PDTS
50 MHz
SYNC
33
33
0.01
µF
40 MHz
40 MHz
0.01
µF
VDD


Similar Part No. - ICS527-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
More results

Similar Description - ICS527-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
   Clock Slicer User Configurable PECL Output Zero Delay Buffer
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
logo
Integrated Circuit Syst...
ICS525-03 ICST-ICS525-03 Datasheet
146Kb / 7P
   PECL Input OSCaR-TM USER Configurable Clock
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com