Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS525R-03IT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS525R-03IT
Description  PECL Input OSCaR-TM USER Configurable Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525R-03IT Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS525R-03IT Datasheet HTML 1Page - Integrated Circuit Systems ICS525R-03IT Datasheet HTML 2Page - Integrated Circuit Systems ICS525R-03IT Datasheet HTML 3Page - Integrated Circuit Systems ICS525R-03IT Datasheet HTML 4Page - Integrated Circuit Systems ICS525R-03IT Datasheet HTML 5Page - Integrated Circuit Systems ICS525R-03IT Datasheet HTML 6Page - Integrated Circuit Systems ICS525R-03IT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PECL Input OSCaR™ User Configurable Clock
MDS 525-03 H
7
Revision 010906
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS525-03
Package Outline and Package Dimensions (28-pin SSOP, 150 mil Body)
Package dimensions are kept current with JEDEC Publication No. 95, MO-153
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS525R-03I
ICS525R-03I
Tubes
28-pin SSOP
-40 to +85
°C
ICS525R-03IT
ICS525R-03I
Tape and Reel
28-pin SSOP
-40 to +85
°C
ICS525R-03ILF
ICS525R-03ILF
Tubes
28-pin SSOP
-40 to +85
°C
ICS525R-03ILFT
ICS525R-03ILF
Tape and Reel
28-pin SSOP
-40 to +85
°C
INDEX
AREA
1 2
28
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.351.75.053
.069
A1
0.10
0.25
.0040
.010
A2
--
1.50
--
.059
b
0.200.30.008
.012
C
0.180.25.007
.010
D
9.80
10.00
.386
.394
E
5.806.20.228
.244
E1
3.80
4.00
.150
.157
e
0.635 Basic
0.025 Basic
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - ICS525R-03IT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525R-02I ICST-ICS525R-02I Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
ICS525R-02I ICST-ICS525R-02I Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02ILF ICST-ICS525R-02ILF Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02ILFT ICST-ICS525R-02ILFT Datasheet
181Kb / 9P
   User Configurable Clock
ICS525R-02IT ICST-ICS525R-02IT Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
More results

Similar Description - ICS525R-03IT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
   OSCaR-TM User Configurable PECL Clock
logo
Renesas Technology Corp
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
   OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
logo
Renesas Technology Corp
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
   Clock Slicer User Configurable PECL Input Zero Delay Buffer
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com