Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS525-01RT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS525-01RT
Description  User Configurable Clock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01RT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS525-01RT Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 8Page - Integrated Circuit Systems ICS525-01RT Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
User Configurable Clock
MDS 525-01/02/11/12 Q
4
Revision 101105
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS525-01/02/11/12
ICS525-12 Output Frequency and Output Divider Table
S2
Pin 5
S1
Pin 4
S0
Pin 3
CLK Output
Divider
Output Frequency Range (MHz)
VDD = 5 V
VDD = 3.3 V
-40 to +85
°C
-40 to +85
°C
0
0
0
6
1.25–16.75
1.25–10
0
0
1
2
3.75–50
3.75–30
0
1
0
8
0.94–12.5
0.94–7.5
0
1
1
4
1.875–25
1.875–15
1
0
0
5
1.5–20
1.5–12
1
0
1
7
1–14.25
1–8.5
1
1
0
1
7.5–62.5
7.5–50
1
1
1
3
2.5–33.25
2.5–20


Similar Part No. - ICS525-01RT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01RT ICST-ICS525-01RT Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
More results

Similar Description - ICS525-01RT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
ICS5250708 ICST-ICS5250708 Datasheet
187Kb / 9P
   LVCMOS User Configurable Clock
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
   OSCaR-TM User Configurable PECL Clock
logo
Renesas Technology Corp
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
   OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com