Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS525-03 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS525-03
Description  PECL Input OSCaR-TM USER Configurable Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-03 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS525-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS525-03 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS525-03
MDS 525-03 H
1
Revision 010906
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
PECL Input OSCaR™ User Configurable Clock
Description
The ICS525-03 are the most flexible way to generate a
high-quality, high-accuracy, high-frequency clock
output from a PECL input. The name OSCaR stands
for OSCillator Replacement, as they are designed to
replace crystal oscillators in almost any electronic
system. The user can configure the device to produce
nearly any output frequency from any input frequency
by grounding or floating the select pins. Neither
microcontroller, software, nor device programmer are
needed to set the frequency. Using Phase-Locked
Loop (PLL) techniques, the device accepts a PECL
clock to produce output clocks up to 250 MHz, keeping
them frequency locked together. Resistors are for
PECL outputs only.
For simple multipliers to produce common frequencies,
refer to the LOCOTM family of parts, which are smaller
and more cost effective.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined nor guaranteed.
Features
Packaged as 28-pin SSOP (150 mil body)
Highly accurate frequency generation
User determines the output frequency by setting all
internal dividers
Eliminates need for custom oscillators
No software needed
Pull-ups on all select inputs
PECL input clock frequency of 0.5 to 250 MHz
Output clock frequencies up to 250 MHz
Very low jitter
Operating voltage of 3.0 V or 5.5 V
25 mA drive capability at TTL levels
Ideal for oscillator replacement
Industrial temperature
Available in Pb (lead) free package
Advanced, low-power CMOS process
Block Diagram
VDD
GND
2
2
CLK1
CLK2
Reference
Divider
Phase Comparator,
Charge Pump, and
Loop Filter
VCO
VCO
Divider
Output
Divider
9
73
R6:R0
V8:V0
S2:S0
PECLIN
PECLIN
VDD
VDD
270 Ohm
270 Ohm
62 Ohm
62 Ohm
RES


Similar Part No. - ICS525-03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
More results

Similar Description - ICS525-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
   OSCaR-TM User Configurable PECL Clock
logo
Renesas Technology Corp
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
   OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
logo
Renesas Technology Corp
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
   Clock Slicer User Configurable PECL Input Zero Delay Buffer
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
   Clock Slicer User Configurable PECL input Zero Delay Buffer
logo
Renesas Technology Corp
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com