Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 85 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 81Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 82Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 83Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 84Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 85Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 86Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 87Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 88Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
Bit
Symbol
Description
7
TxWaitStart
If cleared, the TxWait time is starting at the End of the send data
(TX).
If set, the TxWait time is starting at the End of the received data
(RX).
6
TxWaitEtu
If cleared, the TxWait time is TxWait × 16/13.56 MHz.
If set, the TxWait time is TxWait × 0.5 / DBFreq (DBFreq is the
frequency of the bit stream as defined by TxDataCon).
5 to 3
TxWait High
Bit extension of TxWaitLo. TxWaitCtrl bit 5 is MSB.
2 to 0
TxStopBitLength
Defines stop-bits and EGT (= stop-bit + extra guard time EGT) to
be sent:
0h: no stop-bit, no EGT
1h: 1 stop-bit, no EGT
2h: 1 stop-bit + 1 EGT
3h: 1 stop-bit + 2 EGT
4h: 1 stop-bit + 3 EGT
5h: 1 stop-bit + 4 EGT
6h: 1 stop-bit + 5 EGT
7h: 1 stop-bit + 6 EGT
Note: This is only valid for ISO/IEC14443 Type B
Table 145. TXWaitCtrl bits
9.10.5 TxWaitLo
Bit
7
6
5
4
3
2
1
0
Symbol
TxWaitLo
Access
rights
r/w
Table 146. TxWaitLo register (address 32h)
Bit
Symbol
Description
7 to 0
TxWaitLo
Defines the minimum time between receive and send or between two
send data streams
Note: TxWait is a 11bit register (additional 3 bits are in the TxWaitCtrl
register)!
See also TxWaitEtu and TxWaitStart.
Table 147. TxWaitLo bits
9.11 FrameCon
Bit
7
6
5
4
3
2
1
0
Symbol
TxParityEn
RxParityEn
-
-
StopSym
StartSym
Access
rights
r/w
r/w
RFU
RFU
r/w
r/w
Table 148. FrameCon register (address 33h)
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
85 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com