Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLRC66103HNT Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 4Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 5Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 6Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 7Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 8Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 9Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 10Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 11Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
Pin
Symbol
Type
Description
18
TVDD
PWR
transmitter voltage supply
19
XTAL1
I
crystal oscillator input: Input to the inverting amplifier of the oscillator. This pin is
also the input for an externally generated clock (fosc = 27.12 MHz)
20
XTAL2
O
crystal oscillator output: output of the inverting amplifier of the oscillator
21
PDOWN
I
Power Down (RESET)
22
CLKOUT / OUT6
O
clock output / general purpose output 6
23
SCL
O
Serial Clock line
24
SDA
I/O
Serial Data Line
25
PVDD
PWR
pad power supply
26
IFSEL0 / OUT4
I
host interface selection 0 / general purpose output 4
27
IFSEL1 / OUT5
I
host interface selection 1 / general purpose output 5
28
IF0
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI,
I2C, I2C-L
29
IF1
I/O
interface pin, multifunction pin: Can be assigned to host interface SPI, I2C, I2C-L
30
IF2
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI,
I2C, I2C-L
31
IF3
I/O
interface pin, multifunction pin: Can be assigned to host interface RS232, SPI,
I2C, I2C-L
32
IRQ
O
interrupt request: output to signal an interrupt event
33
VSS
PWR
ground and heat sink connection
Table 3. Pin description...continued
[1]
This pin is used for connection of a buffer capacitor. Connection of a supply voltage might damage the device.
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
8 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
More results

Similar Description - CLRC66103HNT

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
MFRC631 NXP-MFRC631 Datasheet
1Mb / 149P
   High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
PR601 NXP-PR601 Datasheet
242Kb / 14P
   High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
STMicroelectronics
STMicroelectronics
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
   Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
June 2017 Rev 2
Texas Instruments
Texas Instruments
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
World Produts Inc.
World Produts Inc.
WPANTDP111-C1A WPI-WPANTDP111-C1A Datasheet
97Kb / 2P
   NFC Antenna
ATMEL Corporation
ATMEL Corporation
T0980 ATMEL-T0980 Datasheet
264Kb / 8P
   SiGe Transmit/ Receive Frontend IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz