Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 63 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 59Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 60Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 61Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 62Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 63Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 64Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 65Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 66Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
Bit
Symbol
Description
7
Set
1: writing a 1 to a bit position 5..0 sets the interrupt request
0: Writing a 1 to a bit position 5..0 clears the interrupt request
6
GlobalIRQ Set, if an enabled IRQ occurs.
5
LPCD_IRQ Set if a card is detected in Low-power card detection sequence.
4
Timer4IRQ Set to logic 1 when Timer4 has an underflow.
3
Timer3IRQ Set to logic 1 when Timer3 has an underflow.
2
Timer2IRQ Set to logic 1 when Timer2 has an underflow.
1
Timer1IRQ Set to logic 1 when Timer1 has an underflow.
0
Timer0IRQ Set to logic 1 when Timer0 has an underflow.
Table 59. IRQ1 bits
9.5.3 IRQ0En register
Interrupt request enable register for IRQ0. This register allows defining if an interrupt
request is processed by the CLRC661.
Bit
7
6
5
4
3
2
1
0
Symbol
IRQ_Inv Hi AlertIRQEn LoAlertIRQEn IdleIRQEn
TxIRQEn
RxIRQEn ErrIRQEn
RxSOF
IRQEn
Access
rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Table 60. IRQ0En register (address 08h)
Bit
Symbol
Description
7
IRQ_Inv
Set to one the signal of the IRQ pin is inverted
6
Hi AlerIRQEn Set to logic 1, it allows the High Alert interrupt Request (indicated by the
bit HiAlertIRQ) to be propagated to the GlobalIRQ
5
Lo AlertIRQEn Set to logic 1, it allows the Low Alert Interrupt Request (indicated by the
bit LoAlertIRQ) to be propagated to the GlobalIRQ
4
IdleIRQEn
Set to logic 1, it allows the Idle interrupt request (indicated by the bit
IdleIRQ) to be propagated to the GlobalIRQ
3
TxIRQEn
Set to logic 1, it allows the transmitter interrupt request (indicated by the
bit TxtIRQ) to be propagated to the GlobalIRQ
2
RxIRQEn
Set to logic 1, it allows the receiver interrupt request (indicated by the bit
RxIRQ) to be propagated to the GlobalIRQ
1
ErrIRQEn
Set to logic 1, it allows the Error interrupt request (indicated by the bit
ErrorIRQ) to be propagated to the GlobalIRQ
0
RxSOFIRQEn Set to logic 1, it allows the RxSOF interrupt request (indicated by the bit
RxSOFIRQ) to be propagated to the GlobalIRQ
Table 61. IRQ0En bits
9.5.4 IRQ1En
Interrupt request enable register for IRQ1.
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
63 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com