Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 25 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 21Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 22Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 23Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 24Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 25Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 26Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 27Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 28Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
001aam305
Ack
0
(W)
Ack
0
SA
I2C slave address
A7-A0
Frontend IC register
address A6-A0
Ack
DATA
[7..0]
SO
SO
[0..n]
Ack
0
(W)
Ack
Optional, if the previous access was on the same register address
Read Cycle
Write Cycle
0
SA
I2C slave address
A7-A0
Frontend IC register
address A6-A0
1
(R)
Ack
SA
sent by master
sent by slave
I2C slave address
A7-A0
Ack
DATA
[7..0]
SO
[0..n]
0..n
Nack
DATA
[7..0]
Figure 18. Register read and write access
8.4.4.9 I2CL-bus interface
The CLRC661 provides an additional interface option for connection of a SAM. This
logical interface fulfills the I2C specification, but the rise/fall timings will not be compliant
to the I2C standard. The I2CL interface uses standard I/O pads, and the communication
speed is limited to 5 MBaud. The protocol itself is equivalent to the fast mode protocol of
I2C. The SCL levels are generated by the host in push/pull mode. The RC661 does not
stretch the clock. During the high period of SCL, the status of the line is maintained by a
bus keeper.
The address is 01010xxb, where the last two bits of the address can be defined by the
application. The definition of these bits can be done by two options. With a pin, where
the higher bit is fixed to 0 or the configuration can be defined via EEPROM. Refer to the
EEPROM configuration in Section 8.7.
Parameter
Min
Max
Unit
fSCL
0
5
MHz
tHD;STA
80
-
ns
tLOW
100
-
ns
tHIGH
100
-
ns
tSU;SDA
80
-
ns
tHD;DAT
0
50
ns
tSU;DAT
0
20
ns
tSU;STO
80
-
ns
tBUF
200
-
ns
Table 19. Timing parameter I2CL
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
25 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com