Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNR Datasheet(PDF) 27 Page - NXP Semiconductors

Part # CLRC66103HNR
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNR Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button CLRC66103HNR Datasheet HTML 23Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 24Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 25Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 26Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 27Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 28Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 29Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 30Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
µC
Reader
T=1
I2C
I2C
aaa-002963
SAM
AV2.6
READER
IC
Figure 19. I2C interface enables convenient MIFARE SAM integration
8.4.5.2 SAM connection
The CLRC661 provides an interface to connect a SAM dedicated to the CLRC661. Both
interface options of the CLRC661, I2C, I2CL or SPI can be used for this purpose. The
interface option of the SAM itself is configured by a host command sent from the host to
the SAM.
The I2CL interface is intended to be used as connection between two ICs over a short
distance. The protocol fulfills the I2C specification, but does support a single device
connected to the bus only.
The SPI block for SAM connection is identical with the SPI host interface block.
The pins used for the SAM SPI are described in the following table:
SPI functionality
PIN
MISO
SDA2
SCL
SCL2
MOSI
IFSEL1
NSS
IFSEL0
Table 20. SPI SAM connection
8.4.6 Boundary scan interface
The CLRC661 provides a boundary scan interface according to the IEEE 1149.1. This
interface allows testing interconnections without using physical test probes. This is done
by test cells, assigned to each pin, which override the functionality of this pin.
To be able to program the test cells, the following commands are supported:
Value
(decimal)
Command
Parameter in
Parameter out
0
bypass
-
-
1
preload
data (24)
-
1
sample
-
data (24)
2
ID code (default)
-
data (32)
3
USER code
-
data (32)
4
Clamp
-
-
5
HIGH Z
-
-
Table 21. Boundary scan command
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
27 / 152


Similar Part No. - CLRC66103HNR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com