Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNR Datasheet(PDF) 15 Page - NXP Semiconductors

Part # CLRC66103HNR
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNR Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button CLRC66103HNR Datasheet HTML 11Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 12Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 13Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 14Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 15Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 16Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 17Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 18Page - NXP Semiconductors CLRC66103HNR Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
[1]
Fast inventory (page) read command only (ICODE proprietary command).
001aam272
pulse
modulated
carrier
~9.44 µs
0 1 2 3 4
~18.88 µs
. 2 . . .
.
.
.
.
.
. . . .
. . . . .
2
2
.
.
.
.
.
2 2
2
5
5
5 5
5
~4,833 ms
3
2
4 5
Figure 7. Data coding according to ISO/IEC 15693. standard mode reader to label
8.3.3 EPC-UID/UID-OTP
The physical parameters are described in the following table:
Transfer speed
Communication
direction
Signal type
26.48 kbit/s
52.96 kbit/s
reader side modulation 10 % to 30 % ASK
bit encoding
RTZ
Reader to card
(send data from the
CLRC661 to a card)
bit length
37.76 μs
card side modulation
single subcarrier load
modulation
bit length
18.88 μs
Card to reader
(CLRC661 receives
data from a card)
bit encoding
Manchester coding
Table 8. Communication overview for EPC/UID
Data coding and framing according to EPC global 13.56 MHz ISM (industrial, scientific
and medical) Band Class 1 Radio Frequency Identification Tag Interface Specification
(Candidate Recommendation, Version 1.0.0).
8.3.4 ISO/IEC 18000-3 mode 3/ EPC Class-1 HF
The ISO/IEC 18000-3 mode 3/ EPC Class-1 HF is not described in this document. For a
detailed explanation of the protocol, refer to the ISO/IEC 18000-3 mode 3/ EPC Class-1
HF standard.
8.3.4.1 Data encoding ICODE
The ICODE protocols have mainly three different methods of data encoding:
• "1" out of "4" coding scheme
• "1" out of "256" coding scheme
• "Return to Zero" (RZ) coding scheme
Data encoding for all three coding schemes is done by the ICODE generator.
The supported EPC Class-1 HF modes are:
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
15 / 152


Similar Part No. - CLRC66103HNR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com