Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLRC66103HN Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. CLRC66103HN
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CLRC66103HN Datasheet HTML 6Page - NXP Semiconductors CLRC66103HN Datasheet HTML 7Page - NXP Semiconductors CLRC66103HN Datasheet HTML 8Page - NXP Semiconductors CLRC66103HN Datasheet HTML 9Page - NXP Semiconductors CLRC66103HN Datasheet HTML 10Page - NXP Semiconductors CLRC66103HN Datasheet HTML 11Page - NXP Semiconductors CLRC66103HN Datasheet HTML 12Page - NXP Semiconductors CLRC66103HN Datasheet HTML 13Page - NXP Semiconductors CLRC66103HN Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
The TxIRQ bit in register IRQ0 indicates that the transmission is finished. If the state
changes from sending data to transmitting the end of the frame pattern, the transmitter
unit sets the interrupt bit automatically.
The bit RxIRQ in register IRQ0 indicates an interrupt when the end of the received data is
detected.
The bit IdleIRQ in register IRQ0 is set if a command finishes and the content of the
command register changes to idle.
The register WaterLevel defines both - minimum and maximum warning levels - counting
from top and from bottom of the FIFO by a single value.
The bit HiAlertIRQ in register IRQ0 is set to logic 1 if the HiAlert bit is set to logic 1, that
means the FIFO data number has reached the top level as configured by the register
WaterLevel and bit WaterLevelExtBit.
The bit LoAlertIRQ in register IRQ0 is set to logic 1 if the LoAlert bit is set to logic 1, that
means the FIFO data number has reached the bottom level as configured by the register
WaterLevel.
The bit ErrIRQ in register IRQ0 indicates an error detected by the contactless UART
during receive. This is indicated by any bit set to logic 1 in register Error.
The bit LPCDIRQ in register IRQ0 indicates a card detected.
The bit RxSOFIRQ in register IRQ0 indicates a detection of a SOF or a subcarrier by the
contactless UART during receiving.
The bit GlobalIRQ in register IRQ1 indicates an interrupt occurring at any other interrupt
source when enabled.
Interrupt bit
Interrupt source
Is set automatically, when
Timer0IRQ
Timer Unit
the timer register T0 CounterVal underflows
Timer1IRQ
Timer Unit
the timer register T1 CounterVal underflows
Timer2IRQ
Timer Unit
the timer register T2 CounterVal underflows
Timer3IRQ
Timer Unit
the timer register T3 CounterVal underflows
TxIRQ
Transmitter
a transmitted data stream ends
RxIRQ
Receiver
a received data stream ends
IdleIRQ
Command Register
a command execution finishes
HiAlertIRQ
FIFO-buffer pointer
the FIFO data number has reached the top level as
configured by the register WaterLevel
LoAlertIRQ
FIFO-buffer pointer
the FIFO data number has reached the bottom level as
configured by the register WaterLevel
ErrIRQ
contactless UART
a communication error had been detected
LPCDIRQ
LPCD
a card was detected when in low-power card detection
mode
RxSOFIRQ
Receiver
detection of a SOF or a subcarrier
GlobalIRQ
all interrupt sources
will be set if another interrupt request source is set
Table 4. Interrupt sources
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
10 / 152


Similar Part No. - CLRC66103HN

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
More results

Similar Description - CLRC66103HN

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
MFRC631 NXP-MFRC631 Datasheet
1Mb / 149P
   High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
PR601 NXP-PR601 Datasheet
242Kb / 14P
   High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
STMicroelectronics
STMicroelectronics
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
   Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
June 2017 Rev 2
Texas Instruments
Texas Instruments
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
World Produts Inc.
World Produts Inc.
WPANTDP111-C1A WPI-WPANTDP111-C1A Datasheet
97Kb / 2P
   NFC Antenna
ATMEL Corporation
ATMEL Corporation
T0980 ATMEL-T0980 Datasheet
264Kb / 8P
   SiGe Transmit/ Receive Frontend IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz