Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HN Datasheet(PDF) 69 Page - NXP Semiconductors

Part # CLRC66103HN
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HN Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button CLRC66103HN Datasheet HTML 65Page - NXP Semiconductors CLRC66103HN Datasheet HTML 66Page - NXP Semiconductors CLRC66103HN Datasheet HTML 67Page - NXP Semiconductors CLRC66103HN Datasheet HTML 68Page - NXP Semiconductors CLRC66103HN Datasheet HTML 69Page - NXP Semiconductors CLRC66103HN Datasheet HTML 70Page - NXP Semiconductors CLRC66103HN Datasheet HTML 71Page - NXP Semiconductors CLRC66103HN Datasheet HTML 72Page - NXP Semiconductors CLRC66103HN Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
Bit
Symbol
Description
5 to 4
T0Start
00b: The timer is not started automatically
01 b: The timer starts automatically at the end of the transmission
10 b: Timer is used for LFO trimming without underflow (Start/Stop on
PosEdge)
11 b: Timer is used for LFO trimming with underflow (Start/Stop on
PosEdge)
3
T0AutoRestart 1: the timer automatically restarts its count-down from
T0ReloadValue, after the counter value has reached the value zero.
0: the timer decrements to zero and stops.
The bit Timer1IRQ is set to logic 1 when the timer underflows.
2
-
RFU
1 to 0
T0Clk
00 b: The timer input clock is 13.56 MHz.
01 b: The timer input clock is 211,875 kHz.
10 b: The timer input clock is an underflow of Timer2.
11 b: The timer input clock is an underflow of Timer1.
Table 75. T0Control bits...continued
9.7.2.1 T0ReloadHi
High byte reload value of the Timer0.
Bit
7
6
5
4
3
2
1
0
Symbol
T0Reload Hi
Access
rights
r/w
Table 76. T0ReloadHi register (address 10h);
Bit
Symbol
Description
7 to 0
T0ReloadHi
Defines the high byte of the reload value of the timer. With the start
event, the timer loads the value of the registers T0ReloadValHi,
T0ReloadValLo. Changing this register affects the timer only at the
next start event.
Table 77. T0ReloadHi bits
9.7.2.2 T0ReloadLo
Low byte reload value of the Timer0.
Bit
7
6
5
4
3
2
1
0
Symbol
T0ReloadLo
Access
rights
r/w
Table 78. T0ReloadLo register (address 11h);
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
69 / 152


Similar Part No. - CLRC66103HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com