Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC661 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # CLRC661
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC661 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button CLRC661 Datasheet HTML 10Page - NXP Semiconductors CLRC661 Datasheet HTML 11Page - NXP Semiconductors CLRC661 Datasheet HTML 12Page - NXP Semiconductors CLRC661 Datasheet HTML 13Page - NXP Semiconductors CLRC661 Datasheet HTML 14Page - NXP Semiconductors CLRC661 Datasheet HTML 15Page - NXP Semiconductors CLRC661 Datasheet HTML 16Page - NXP Semiconductors CLRC661 Datasheet HTML 17Page - NXP Semiconductors CLRC661 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
001aak585
ISO/IEC 14443 A framing at 106 kBd
8-bit data
8-bit data
8-bit data
odd
parity
odd
parity
start
odd
parity
start bit is 1
ISO/IEC 14443 A framing at 212 kBd, 424 kBd and 848 kBd
8-bit data
8-bit data
8-bit data
odd
parity
odd
parity
start
even
parity
start bit is 0
burst of 32
subcarrier clocks
even parity at the
end of the frame
Figure 6. Data coding and framing according to ISO/IEC 14443 A
The internal CRC coprocessor calculates the CRC value based on ISO/IEC 14443 A part
3 and handles parity generation internally according to the transfer speed.
8.3.2 ISO/IEC15693
The physical parameters are described in the following table:
Transfer speed
Communication
direction
Signal type
fc / 8192 kbit/s
fc / 512 kbit/s
reader side
modulation
10 % to 30 % ASK or
100 % ASK
10 % to 30 % ASK 90 %
to 100 % ASK
bit encoding
1/256
1/4
Reader to label
(send data from the
CLRC661 to a card)
data rate
1.66 kbit/s
26.48 kbit/s
Table 6. Communication overview for ISO/IEC 15693 reader/writer reader to label
Transfer speed
Communication
direction
Signal type
6.62 (6.67) kbit/s 13.24 kbit/s[1] 26.48
(26.69) kbit/s
52.96 kbit/s
card side
modulation
not supported
not supported single (dual)
subcarrier
load
modulation
ASK
single
subcarrier
load
modulation
ASK
bit length
(μs)
-
-
37.76 (37.46) 18.88
Label to reader
(CLRC661
receives data
from a card)
fc = 13.56 MHz
bit encoding -
-
Manchester
coding
Manchester
coding
subcarrier
frequency
[MHz]
-
-
fc / 32 (fc /
28)
fc / 32
Table 7. Communication overview for ISO/IEC 15693 reader/writer label to reader
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
14 / 152


Similar Part No. - CLRC661

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC661 NXP-CLRC661 Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC661 NXP-CLRC661_V01 Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC661

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com