Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC661 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # CLRC661
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC661 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button CLRC661 Datasheet HTML 54Page - NXP Semiconductors CLRC661 Datasheet HTML 55Page - NXP Semiconductors CLRC661 Datasheet HTML 56Page - NXP Semiconductors CLRC661 Datasheet HTML 57Page - NXP Semiconductors CLRC661 Datasheet HTML 58Page - NXP Semiconductors CLRC661 Datasheet HTML 59Page - NXP Semiconductors CLRC661 Datasheet HTML 60Page - NXP Semiconductors CLRC661 Datasheet HTML 61Page - NXP Semiconductors CLRC661 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
Address
Register name
Function
57h
TxSym32Mod
Transmitter symbol 3 + symbol 2 modulation register
58h
RxBitMod
Receiver bit modulation register
59h
RxEofSym
Receiver end of frame symbol register
5Ah
RxSyncValH
Receiver synchronisation value high register
5Bh
RxSyncValL
Receiver synchronisation value low register
5Ch
RxSyncMod
Receiver synchronisation mode register
5Dh
RxMod
Receiver modulation register
5Eh
RxCorr
Receiver correlation register
5Fh
FabCal
Calibration register of the receiver, calibration performed at production
48h-5Fh
RFU
-
7Fh
Version
Version and subversion register
Table 43. Register overview...continued
9.2 Command configuration
9.2.1 Command
Starts and stops command execution.
Bit
7
6
5
4
3
2
1
0
Symbol
Standby
Modem
Off
RFU
Command
Access
rights
dy
r/w
-
dy
Table 44. Command register (address 00h)
Bit
Symbol
Description
7
Standby
Set to 1, the IC is entering power-down mode.
6
ModemOff
Set to logic 1, the receiver and the transmitter circuit are powering
down.
5
RFU
-
4 to 0
Command
Defines the actual command for the CLRC661.
Table 45. Command bits
9.3 SAM configuration register
9.3.1 HostCtrl
Via the HostCtrl Register the interface access right can be controlled
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
58 / 152


Similar Part No. - CLRC661

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC661 NXP-CLRC661 Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC661 NXP-CLRC661_V01 Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC661

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com