Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV033M Datasheet(PDF) 34 Page - Integrated Circuit Systems

Part # MX29LV033M
Description  32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MX29LV033M Datasheet(HTML) 34 Page - Integrated Circuit Systems

Back Button MX29LV033M Datasheet HTML 30Page - Integrated Circuit Systems MX29LV033M Datasheet HTML 31Page - Integrated Circuit Systems MX29LV033M Datasheet HTML 32Page - Integrated Circuit Systems MX29LV033M Datasheet HTML 33Page - Integrated Circuit Systems MX29LV033M Datasheet HTML 34Page - Integrated Circuit Systems MX29LV033M Datasheet HTML 35Page - Integrated Circuit Systems MX29LV033M Datasheet HTML 36Page - Integrated Circuit Systems MX29LV033M Datasheet HTML 37Page - Integrated Circuit Systems MX29LV033M Datasheet HTML 38Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
34
P/N:PM1143
REV. 0.02, MAR. 23, 2005
MX29LV033M
AC CHARACTERISTICS
Erase and Program Operations
TA=-40
°°°°° C to 85°°°°° C, VCC=2.7V~3.6V (TA= 0°°°°° C to 70°°°°° C, VCC=3.0V~3.6V for 70R)
Parameter
Speed Options
Std.
Description
70R
90
Unit
tWC
Write Cycle Time (Note 1)
Min
70
90
ns
tAS
Address Setup Time
Min
0
ns
tASO
Address Setup Time to OE# low during toggle bit polling
Min
15
ns
tAH
Address Hold Time
Min
45
ns
tAHT
Address Hold Time From CE# or OE# high during toggle
Min
0
ns
bit polling
tDS
Data Setup Time
Min
35
ns
tDH
Data Hold Time
Min
0
ns
tCEPH
CE# High During Toggle Bit Polling
Min
20
ns
tOEPH
Output Enable High during toggle bit polling
Min
20
ns
tGHWL
Read Recovery Time Before Write
Min
0
ns
(OE# High to WE# Low)
tGHEL
Read Recovery Time Before Write
Min
0
ns
tCS
CE# Setup Time
Min
0
ns
tCH
CE# Hold Time
Min
0
ns
tWP
Write Pulse Width
Min
35
ns
tWPH
Write Pulse Width High
Min
30
ns
Write Buffer Program Operation (Notes 2,3)
Typ
240
us
Single Word/Byte Program
Typ
60
us
tWHWH1
Operation (Notes 2,5)
Accelerated Single Word/Byte
Typ
54
us
Programming Operation (Notes 2,5)
tWHWH2
Sector Erase Operation (Note 2)
Typ
0.5
sec
tVCS
VCC Setup Time (Note 1)
Min
50
us
tRB
Write Recovery Time from RY/BY#
Min
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Min
70
90
ns
tVHH
VHH Rise and Fall Time (Note 1)
Min
250
ns
tPOLL
Program Valid Before Status Polling (Note 6)
Max
4
us
Notes:
1. Not 100% tested.
2. See the "Erase And Programming Performance" section for more information.
3. For 1-16 words/1-32 bytes programmed.
4. Effective write buffer specification is based upon a 16-word/32-byte write buffer operation.
5. Word/Byte programming specification is based upon a single word/byte programming operation not utilizing the
write buffer.
6. When using the program suspend/resume feature, if the suspend command is issued within tPOLL, tPOLL must be
fully re-applied upon resuming the programming operation. If the suspend command is issued after tPOLL, tPOLL
is not required again prior to reading the status bits upon resuming.


Similar Part No. - MX29LV033M

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV033MBMC-70G MCNIX-MX29LV033MBMC-70G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV033MBMC-70G MCNIX-MX29LV033MBMC-70G Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV033MBMC-70Q MCNIX-MX29LV033MBMC-70Q Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV033MBMC-70Q MCNIX-MX29LV033MBMC-70Q Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV033MBMC-90G MCNIX-MX29LV033MBMC-90G Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
More results

Similar Description - MX29LV033M

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
   64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com