Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9169H-15GB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9169H-15GB
Description  100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169H-15GB Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9169H-15GB Datasheet HTML 1Page - Richtek Technology Corporation RT9169H-15GB Datasheet HTML 2Page - Richtek Technology Corporation RT9169H-15GB Datasheet HTML 3Page - Richtek Technology Corporation RT9169H-15GB Datasheet HTML 4Page - Richtek Technology Corporation RT9169H-15GB Datasheet HTML 5Page - Richtek Technology Corporation RT9169H-15GB Datasheet HTML 6Page - Richtek Technology Corporation RT9169H-15GB Datasheet HTML 7Page - Richtek Technology Corporation RT9169H-15GB Datasheet HTML 8Page - Richtek Technology Corporation RT9169H-15GB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT9169
Preliminary
www.richtek-ic.com.tw
DS9169-02 October 2001
4
Part Number
Marking
RT9169-41CV
BX
RT9169-42CV
BY
RT9169-43CV
BZ
RT9169-44CV
CT
RT9169-45CV
CU
RT9169-46CV
CV
Part Number
Marking
RT9169-47CV
CW
RT9169-48CV
CX
RT9169-49CV
CY
RT9169-50CV
CZ
RT9169-25CB
C1
RT9169-28CB
C2
Pin Description
Pin Name
Pin Function
VIN
Power Input
VOUT
Output Voltage
GND
Ground
EN
Chip Enable Control Input
Function Block Diagram
Absolute Maximum Ratings
Input Voltage
7V
Power Dissipation, PD @ TA = 25
° C
TO-92
0.6W
SOT-89
0.5W
SOT-23
0.25W
SOT-25
0.25W
Operating Junction Temperature Range
-40
°C to 125°C
Storage Range
-65
°C to 150°C
Package Thermal Resistance
TO-92,
θJA
160
°C/W
SOT-89,
θJC
100
°C/W
SOT-89,
θJA
300
°C/W
SOT-23,
θJA
250
°C/W
SOT-25,
θJA
250
°C/W
Current
Limit
VIN
VOUT
GND
EN


Similar Part No. - RT9169H-15GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169H-15GB RICHTEK-RT9169H-15GB Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9169H-15GB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
12/08/06
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com