Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS162834AG-T Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS162834AG-T
Description  18-Bit 3.3V Registered Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS162834AG-T Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS162834AG-T Datasheet HTML 1Page - Integrated Circuit Systems ICS162834AG-T Datasheet HTML 2Page - Integrated Circuit Systems ICS162834AG-T Datasheet HTML 3Page - Integrated Circuit Systems ICS162834AG-T Datasheet HTML 4Page - Integrated Circuit Systems ICS162834AG-T Datasheet HTML 5Page - Integrated Circuit Systems ICS162834AG-T Datasheet HTML 6Page - Integrated Circuit Systems ICS162834AG-T Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ICS162834
Advance Information
0774—02/10/03
Electrical Characteristics - DC
TA = 0 - 70° C; VDD = 3.3 ± 0.3V, VDDQ=3.3 ± 0.3V; (unless otherwise stated)
SYMBOL
PARAMETERS
CONDITIONS
VDD (V)
MIN
TYP
MAX
UNITS
VIH
HIGH-level input voltage
3.0 - 3.6
2.0
V
VIL
LOW-level input voltage
3.0 - 3.6
0.8
V
VOH
HIGH-level output voltage
IOH = -12 mA, VIH = 2.0V
3.0
2.2
V
VOL
Low-level output voltage
IOL = 12 mA, VIL = 0.8V
3.0
0.8
II
Input leakage current
VI = VDD or GND
3.0 - 3.6
±10
µA
IOZ
Off-state leakage current
VO = VDD or GND#, OE = VDD
±20
µA
IDD
Quiescent Supply Current
VI = VDD or GND, IO = 0
±40
µA
* Parameters are characterized over recommended operating conditions.
Critical Register Specifications*
SYMBOL
PARAMETERS
CONDITION
VDD (V)
MIN
TYP
MAX
UNITS
tPD**
Propagation Delay (CK to Y)
RL = 500 Ω, CL = 50 pF
3.0 - 3.6
1.4
3.5
ns
tPD**
Propagation Delay (CK to Y)
RL = 500 Ω, CL = 30 pF
3.0 - 3.6
0.7
2.5
ns
tS
Setup time (A before CK)
3.0 - 3.6
1.0
ns
tH
Hold time (A after CK)
3.0 - 3.6
0.6
ns
CI
Clock input capacitance
3.0 - 3.6
3.3
4.0
6.0
pF
* Parameters are characterized over recommended operating conditions.
** The tPD value in this table would equate to the 'Time-to-Vm' delay described in the post register timing specifications of the
PC133 registered DIMM Specification. The first value applies to DIMMs with nine SDRAM loads per register output, and the
second to DIMMs with eighteen SDRAM loads per register output. These values should serve as only an initial starting point,


Similar Part No. - ICS162834AG-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS162835 ICST-ICS162835 Datasheet
74Kb / 7P
   18-Bit 3.3V Registered Buffer
ICS162835AG-T ICST-ICS162835AG-T Datasheet
74Kb / 7P
   18-Bit 3.3V Registered Buffer
More results

Similar Description - ICS162834AG-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS162835 ICST-ICS162835 Datasheet
74Kb / 7P
   18-Bit 3.3V Registered Buffer
logo
Integrated Device Techn...
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
   3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74SSTVF16857A PERICOM-PI74SSTVF16857A Datasheet
189Kb / 8P
   14-Bit Registered Buffer
PI74SSTV16857 PERICOM-PI74SSTV16857 Datasheet
391Kb / 6P
   14-Bit Registered Buffer
logo
Texas Instruments
CY74FCT163500 TI-CY74FCT163500 Datasheet
63Kb / 7P
[Old version datasheet]   18-Bit Registered Transceiver
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_08 Datasheet
301Kb / 12P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16501T TI1-CY74FCT16501T_15 Datasheet
995Kb / 22P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT163501 TI-CY74FCT163501 Datasheet
67Kb / 9P
[Old version datasheet]   18-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com