Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9169-21CCB Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9169-21CCB
Description  100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-21CCB Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9169-21CCB Datasheet HTML 1Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 2Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 3Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 4Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 5Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 6Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 7Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 8Page - Richtek Technology Corporation RT9169-21CCB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary
RT9169
DS9169-02 October 2001
www.richtek-ic.com.tw
3
Part Number
Marking
RT9169-45CZL
RTC1
RT9169-46CZL
RTC2
RT9169-47CZL
RTC3
RT9169-48CZL
RTC4
RT9169-49CZL
RTC5
RT9169-50CZL
RTC6
RT9169-12CZT
RTE1
RT9169-13CZT
RTE2
RT9169-14CZT
RTE3
RT9169-15CZT
RTE4
RT9169-16CZT
RTE5
RT9169-17CZT
RTE6
RT9169-18CZT
RTE7
RT9169-19CZT
RTE8
RT9169-20CZT
RTE9
RT9169-21CZT
RTEA
RT9169-22CZT
RTEB
RT9169-23CZT
RTEC
RT9169-24CZT
RTED
RT9169-25CZT
RTEE
RT9169-26CZT
RTEF
RT9169-27CZT
RTEG
RT9169-28CZT
RTEH
RT9169-29CZT
RTEJ
RT9169-30CZT
RTEK
RT9169-31CZT
RTEL
RT9169-32CZT
RTEM
RT9169-33CZT
RTEN
RT9169-34CZT
RTEP
RT9169-35CZT
RTEQ
RT9169-36CZT
RTER
RT9169-37CZT
RTES
RT9169-38CZT
RTET
RT9169-39CZT
RTEU
RT9169-40CZT
RTEV
RT9169-41CZT
RTEW
RT9169-42CZT
RTEX
Part Number
Marking
RT9169-43CZT
RTEY
RT9169-44CZT
RTEZ
RT9169-45CZT
RTC7
RT9169-46CZT
RTC8
RT9169-47CZT
RTC9
RT9169-48CZT
RTCA
RT9169-49CZT
RTCB
RT9169-50CZT
RTCC
RT9169-12CV
B1
RT9169-13CV
B2
RT9169-14CV
B3
RT9169-15CV
B4
RT9169-16CV
B5
RT9169-17CV
B6
RT9169-18CV
B7
RT9169-19CV
B8
RT9169-20CV
B9
RT9169-21CV
BA
RT9169-22CV
BB
RT9169-23CV
BC
RT9169-24CV
BD
RT9169-25CV
BE
RT9169-26CV
BF
RT9169-27CV
BG
RT9169-28CV
BH
RT9169-29CV
BJ
RT9169-30CV
BK
RT9169-31CV
BL
RT9169-32CV
BM
RT9169-33CV
BN
RT9169-34CV
BQ
RT9169-35CV
BR
RT9169-36CV
BS
RT9169-37CV
BT
RT9169-38CV
BU
RT9169-39CV
BV
RT9169-40CV
BW


Similar Part No. - RT9169-21CCB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-20PB RICHTEK-RT9169-20PB Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-24PX RICHTEK-RT9169-24PX Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-25PB RICHTEK-RT9169-25PB Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-25PV RICHTEK-RT9169-25PV Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-25PVL RICHTEK-RT9169-25PVL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9169-21CCB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
12/08/06
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com