Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5637 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # AN5637
Description  SECAM decoder IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5637 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button AN5637 Datasheet HTML 3Page - Panasonic Semiconductor AN5637 Datasheet HTML 4Page - Panasonic Semiconductor AN5637 Datasheet HTML 5Page - Panasonic Semiconductor AN5637 Datasheet HTML 6Page - Panasonic Semiconductor AN5637 Datasheet HTML 7Page - Panasonic Semiconductor AN5637 Datasheet HTML 8Page - Panasonic Semiconductor AN5637 Datasheet HTML 9Page - Panasonic Semiconductor AN5637 Datasheet HTML 10Page - Panasonic Semiconductor AN5637 Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
ICs for TV
AN5637
s Application Circuit Example
Note) The following signal is inputted to Pin1 from the AN5192/95.
• System discrimination
1. Pin1 is the input and output pin for the three pieces of information
(1) Reference frequency signal input pin (AC)
(2) System discrimination signal input pin (DC voltage)
(3) SECAM/Non-SECAM discrimination output pin (DC current)
2. Reference frequency signal
The reference frequency signal input for Pin1 is used for the following 4 signals ;
(1) Bell filter automatic adjustement
(2) PLL(VCO) automatic adjustement
(3) Deemphasis automatic adjustement
(4) Ident discrimination
Be sure to input the high precision PAL carrier signal (4.43362 MHz) only in the vertical retrace period.
AN5637
Pin1 input
Pin1 sink current
Pin9, 10 output
System discrimination
DC voltage
SECAM
"H" (4.6 V)
175
µA
Color difference signal output
"L" (1.3 V)
175
µA
Open
Non-SECAM
"H" (4.6 V)
0
µA
DC voltage output
"L" (1.5 V)
0
µA
Open


Similar Part No. - AN5637

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5630N PANASONIC-AN5630N Datasheet
310Kb / 5P
   SECAM SYSTEM COLOR TV CHROMINANCE SIGNAL PROCESSING CIRCUIT
AN5633 PANASONIC-AN5633 Datasheet
281Kb / 9P
   SECAM-PAL SIGNAL-CONVERSION IC
AN5633K PANASONIC-AN5633K Datasheet
281Kb / 9P
   SECAM-PAL SIGNAL-CONVERSION IC
AN5635N PANASONIC-AN5635N Datasheet
257Kb / 4P
   CHROMINANCE SIGNAL PROCESSING ICS FOR SECAM SYSTEM COLOR TV
AN5635NS PANASONIC-AN5635NS Datasheet
257Kb / 4P
   CHROMINANCE SIGNAL PROCESSING ICS FOR SECAM SYSTEM COLOR TV
More results

Similar Description - AN5637

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
TDA8490 ETC1-TDA8490 Datasheet
605Kb / 9P
   SECAM DECODER
logo
KODENSHI_AUK CORP.
KKA8395N KODENSHI-KKA8395N Datasheet
242Kb / 7P
   SECAM decoder
logo
NXP Semiconductors
TDA8395 PHILIPS-TDA8395 Datasheet
58Kb / 10P
   SECAM decoder
October 1991
logo
TEMIC Semiconductors
U4935B TEMIC-U4935B Datasheet
183Kb / 16P
   SECAM Decoder
logo
Sony Corporation
CXA1214P SONY-CXA1214P Datasheet
562Kb / 14P
   SECAM COLOR DECODER
logo
Rohm
BA7025L ROHM-BA7025L Datasheet
155Kb / 6P
   SECAM discriminator IC
BA7007 ROHM-BA7007 Datasheet
86Kb / 4P
   SECAM discriminator IC
logo
Mitsubishi Electric Sem...
M52325AP MITSUBISHI-M52325AP Datasheet
80Kb / 13P
   SECAM DECODER(LINEAR INTEGRATED CIRCUIT)
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com