Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX5452SMX Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX5452SMX
Description  Micro-Module Integrated Bluetooth-R 1.2 Baseband Controller and Radio
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX5452SMX Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX5452SMX Datasheet HTML 1Page - National Semiconductor (TI) LMX5452SMX Datasheet HTML 2Page - National Semiconductor (TI) LMX5452SMX Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5.0 Functional Block Diagram
20180401
6.0 Connection Diagram
FBGA, Plastic, Laminate, 9x6x1.2mm, 60 Ball, 0.8mm Pitch Package (SLF60A)
20180402
7.0 Ordering Information
Order
Number
Spec.
Shipment Method
LMX5452SM
388 pcs Tray
LMX5452SMX
2500 pcs Tape & Reel
LMX5452SM
NOPB
(Note 1)
388 pcs Tray
Order
Number
Spec.
Shipment Method
LMX5452SMX
NOPB
(Note 1)
2500 pcs Tape & Reel
Note 1: NOPB = No Pb (No Lead)
www.national.com
2


Similar Part No. - LMX5452SMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX5452SMX/NOPB TI1-LMX5452SMX/NOPB Datasheet
841Kb / 10P
[Old version datasheet]   Micro-Module Integrated Bluetooth짰 1.2 Baseband Controller and Radio
More results

Similar Description - LMX5452SMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX5452 TI1-LMX5452_14 Datasheet
217Kb / 5P
[Old version datasheet]   Micro-Module Integrated Bluetooth 1.2 Baseband Controller and Radio
logo
National Semiconductor ...
LMX5453 NSC-LMX5453 Datasheet
526Kb / 4P
   Micro-Module Integrated Bluetooth-R 2.0 Baseband Controller and Radio
logo
Texas Instruments
LMX5452 TI1-LMX5452 Datasheet
841Kb / 10P
[Old version datasheet]   Micro-Module Integrated Bluetooth짰 1.2 Baseband Controller and Radio
LMX5453 TI1-LMX5453 Datasheet
2Mb / 40P
[Old version datasheet]   LMX5453 Micro-Module Integrated Bluetooth짰2.0 Baseband Controller and Radio
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
BGB203 PHILIPS-BGB203 Datasheet
1Mb / 24P
   Bluetooth System-in-a-Package radio with baseband controller
Rev. 1.0-2005 July 28
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
   Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
   Bluetooth Baseband Controller IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com