Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - VS-OE-OE-93A-100,0
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1416392
08/30/2021   Page 1 / 5
Network cable - VS-OE-OE-93A-100,0 - 1416392
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Network cable, PROFINET CAT5 (100 Mbps), 4-position, PVC, green-yellow RAL 6018, shielded, free cable end,
on free cable end, cable length: 100 m
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356474313
Weight per Piece (excluding packing)
6,620.000 g
Custom tariff number
85444290
Country of origin
Germany
Technical data
Dimensions
Length of cable
100 m
General data
Note
This product corresponds to the PROFINET Cabling and Interconnection
Technology Guideline for PROFINET regulations, version 2.00, order no:
2.252, Chapter 9.1.1 Balanced Cables (Type A,B,C)
Number of positions
4
Signal type/category
PROFINET CAT5 (IEC 11801), 100 Mbps
Transmission characteristics (category)
CAT5
Transmission speed
100 Mbps
Cable


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
295Kb / 8P
   Network cable - NBC-M8MSD/ 1,0-93C/M8MSD
26121604 PHOENIX-26121604 Datasheet
188Kb / 13P
   Bus system cable - SAC-5P-MR/ 2,0-923/FS CAN SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/5,0-94F/R4RC
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416570 PHOENIX-1416570 Datasheet
92Kb / 4P
   Network cable - VS-OE-OE-936-100,0
1416376 PHOENIX-1416376 Datasheet
102Kb / 6P
   Network cable - VS-OE-OE-93C-100,0
09/11/2020
1416318 PHOENIX-1416318 Datasheet
298Kb / 6P
   Network cable - VS-OE-OE-94C-100,0
1416334 PHOENIX-1416334 Datasheet
400Kb / 5P
   Network cable - VS-OE-OE-94D-100,0
1416295 PHOENIX-1416295 Datasheet
265Kb / 6P
   Network cable - VS-OE-OE-93E-100,0
1419152 PHOENIX-1419152 Datasheet
292Kb / 7P
   Network cable - VS-OE-OE-93G-100,0
1416389 PHOENIX-1416389 Datasheet
334Kb / 10P
   Network cable - VS-OE-OE-93B-100,0
1417333 PHOENIX-1417333 Datasheet
305Kb / 7P
   Network cable - VS-OE-OE-94B
1404342 PHOENIX-1404342 Datasheet
279Kb / 9P
   VS-IP20-OE-93E/2,0 - Network cable
1404340 PHOENIX-1404340 Datasheet
276Kb / 9P
   VS-IP20-OE-93E/0,5 - Network cable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com