Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5534N Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN5534N
Description  Vertical deflection output IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5534N Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN5534N Datasheet HTML 1Page - Panasonic Semiconductor AN5534N Datasheet HTML 2Page - Panasonic Semiconductor AN5534N Datasheet HTML 3Page - Panasonic Semiconductor AN5534N Datasheet HTML 4Page - Panasonic Semiconductor AN5534N Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN5534N
ICs for TV
2
Parameter
Symbol
Range
Unit
Supply voltage
VCC1
7 to 15
V
VCC2
10 to 30
s Recommended Operating Range
s Pin Descriptions
Pin No.
Description
1
Power supply 1
2
Vertical pulse input
3
Vertical amplitude control
4
50 Hz/60 Hz changeover
5
Saw-tooth wave generation
6
AC/DC feedback input
Pin No.
Description
7
Power supply 2
8
Pulse amplification
9
GND
10
Vertical output
11
Power supply for vertical output
12
Prevention from oscillation
Parameter
Symbol
Rating
Unit
Supply voltage
VCC1
15
V
VCC2
30
Pin voltage
V2−9
0 to 2.7
V
V4−9
0 to V1−9
V5−9
0 to V1−9
V6−9
0 to V1−9
V10−9
0 to 61
V11−9
0 to 61
Supply current
ICC1
20
mA
Pin current
I3
− 0.2 to 0
mA
I8
−1.8 to +1.8
A[0-p]
I10
−2.2 to +2.2
Power dissipation
PD
27
W
Operating ambient temperature *
Topr
−20 to +70
°C
Storage temperature *
Tstg
−55 to +150
°C
s Absolute Maximum Ratings
Note) 1. Do not apply external currents or voltages to any pins not specifically mentioned.
2. For circuit currents, '+' denotes current flowing into the IC, and '−' denotes current flowing out of the IC.
3. * : Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.


Similar Part No. - AN5534N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5532 PANASONIC-AN5532 Datasheet
50Kb / 1P
   TV VERTICAL DEFLECTION OUTPUT IC
logo
List of Unclassifed Man...
AN5532 ETC2-AN5532 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Nais(Matsushita Electri...
AN5539 NAIS-AN5539 Datasheet
663Kb / 15P
   BIPOLAR MONOLITHIC VERTICAL DEFLECTION OUTPUT IC
logo
List of Unclassifed Man...
AN5539 ETC2-AN5539 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN5534N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5521 PANASONIC-AN5521 Datasheet
98Kb / 2P
   TV Vertical Deflection Output IC
AN5532 PANASONIC-AN5532 Datasheet
50Kb / 1P
   TV VERTICAL DEFLECTION OUTPUT IC
logo
Nais(Matsushita Electri...
AN5539 NAIS-AN5539 Datasheet
663Kb / 15P
   BIPOLAR MONOLITHIC VERTICAL DEFLECTION OUTPUT IC
logo
Hangzhou Youwang Electr...
UTC78040 YOUWANG-UTC78040 Datasheet
118Kb / 5P
   VERTICAL DEFLECTION IC
logo
Fairchild Semiconductor
KSC2073 FAIRCHILD-KSC2073 Datasheet
56Kb / 4P
   TV Vertical Deflection Output
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
logo
Fairchild Semiconductor
KSD401 FAIRCHILD-KSD401 Datasheet
59Kb / 4P
   TV Vertical Deflection Output
logo
Unisonic Technologies
T8172 UTC-T8172 Datasheet
170Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com