Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL502-39UQC Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL502-39UQC
Description  750kHz - 800MHz Low Phase Noise Multiplier VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-39UQC Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL502-39UQC Datasheet HTML 1Page - PhaseLink Corporation PLL502-39UQC Datasheet HTML 2Page - PhaseLink Corporation PLL502-39UQC Datasheet HTML 3Page - PhaseLink Corporation PLL502-39UQC Datasheet HTML 4Page - PhaseLink Corporation PLL502-39UQC Datasheet HTML 5Page - PhaseLink Corporation PLL502-39UQC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PLL502-39U
750kHz – 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/29/05 Page 6
PACKAGE INFORMATION
16 Pin 3x3 QFN
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
Min.
Max.
Min.
Max.
A
0.70
0.80
0.028
0.032
A1
b
0.18
0.30
0.007
0.012
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
L
0.30
0.50
0.012
0.020
Symbol
Dimension in MM
Dimension in inch
0.50 BSC
0.020 BSC
0.203 REF
0.008 REF
D
E
ee
LL
bb
ee
LL
bb
A
A
AA
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type, Operating temperature range, shipping method
PLL502-39U X X- R
Order Number
Marking
Package Option
PLL502-39UQC
P502-39UQC
16-Pin 3x3 QFN (Tube)
PLL502-39UQC-R
P502-39UQC
16-Pin 3x3 QFN (Tape and Reel)
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
Q=QFN
NONE= TUBE
-R=TAPE AND REEL


Similar Part No. - PLL502-39UQC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-39 PLL-PLL502-39 Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39OC PLL-PLL502-39OC Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39OC-R PLL-PLL502-39OC-R Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39OCL PLL-PLL502-39OCL Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39OCL-R PLL-PLL502-39OCL-R Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
More results

Similar Description - PLL502-39UQC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
logo
PhaseLink Corporation
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABX0235 ABRACON-ABX0235 Datasheet
289Kb / 8P
   750kHz - 800MHz Low Phase Noise Multiplier XO
03/21/05
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
logo
Micrel Semiconductor
PL602-35 MICREL-PL602-35 Datasheet
473Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier XO
logo
PhaseLink Corporation
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com