Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL502-35OC Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL502-35OC
Description  750kHz - 800MHz Low Phase Noise Multiplier VCXO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-35OC Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL502-35OC Datasheet HTML 1Page - PhaseLink Corporation PLL502-35OC Datasheet HTML 2Page - PhaseLink Corporation PLL502-35OC Datasheet HTML 3Page - PhaseLink Corporation PLL502-35OC Datasheet HTML 4Page - PhaseLink Corporation PLL502-35OC Datasheet HTML 5Page - PhaseLink Corporation PLL502-35OC Datasheet HTML 6Page - PhaseLink Corporation PLL502-35OC Datasheet HTML 7Page - PhaseLink Corporation PLL502-35OC Datasheet HTML 8Page - PhaseLink Corporation PLL502-35OC Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PLL502-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/19/06 Page 6
8. LVDS Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Differential Voltage
VOD
247
355
454
mV
VDD Magnitude Change
∆VOD
-50
50
mV
Output High Voltage
VOH
1.4
1.6
V
Output Low Voltage
VOL
0.9
1.1
V
Offset Voltage
VOS
1.125
1.2
1.375
V
Offset Magnitude Change
∆VOS
RL = 100
(see figure)
0
3
25
mV
Power-off Leakage
IOXD
Vout = VDD or GND
VDD = 0V
±1
±10
uA
Output Short Circuit Current
IOSD
-5.7
-8
mA
9. LVDS Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Differential Clock Rise Time
tr
0.2
0.7
1.0
ns
Differential Clock Fall Time
tf
RL = 100
CL = 10 pF
(see figure)
0.2
0.7
1.0
ns
OUT
OUT
V
OD
V
OS
50
50
OUT
V
DIFF
R
L = 100Ω
C
L = 10pF
C
L = 10pF
LVDS Switching Test Circuit
LVDS Levels Test Circuit
LVDS Transistion Time Waveform
OUT
OUT
OUT
0V (Differential)
0V
20%
80%
20%
80%
t
R
t
F
V
DIFF


Similar Part No. - PLL502-35OC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-30DC PLL-PLL502-30DC Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-30DI PLL-PLL502-30DI Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39UQC PLL-PLL502-39UQC Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
More results

Similar Description - PLL502-35OC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
logo
PhaseLink Corporation
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABX0235 ABRACON-ABX0235 Datasheet
289Kb / 8P
   750kHz - 800MHz Low Phase Noise Multiplier XO
03/21/05
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
logo
Micrel Semiconductor
PL602-35 MICREL-PL602-35 Datasheet
473Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier XO
logo
PhaseLink Corporation
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com