Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P502-04SC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # P502-04SC
Description  Low Phase Noise VCXO (96MHz to 200MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P502-04SC Datasheet(HTML) 2 Page - PhaseLink Corporation

  P502-04SC Datasheet HTML 1Page - PhaseLink Corporation P502-04SC Datasheet HTML 2Page - PhaseLink Corporation P502-04SC Datasheet HTML 3Page - PhaseLink Corporation P502-04SC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLL502-04
Low Phase Noise VCXO (96MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XOUT
1
I
Crystal output. See Crystal Specifications on page 3.
N/C
2
-
Not connected.
VCON
3
I
Voltage Control input.
GND
4
P
Ground.
CLK
5
O
Output clock.
VDD
6
P
+3.3V power supply.
OE
7
I
Output enable input. Disables (tri-state) output when low. Internal pull-up
enables output by default if pin is not connected to low.
XIN
8
I
Crystal input. See Crystal Specifications on page 3.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. DC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded Outputs
IDD
FXIN = 12 - 25MHz
Output load of 10pF
20
25
mA
Operating Voltage
VDD
2.97
3.63
V
IOH
VOH= VDD-0.4V, VDD=3.3V
30
mA
Output drive current
(High Drive)
IOL
VOL = 0.4V, VDD = 3.3V
30
mA
IOH
VOH= VDD-0.4V, VDD=3.3V
10
mA
Output drive current
(Standard Drive)
IOL
VOL = 0.4V, VDD = 3.3V
10
mA
Short Circuit Current
±50
mA
VCXO Control Voltage
VCON
0
3.3
V


Similar Part No. - P502-04SC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502-040 TRIPPLITE-P502-040 Datasheet
163Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 40 ft.
More results

Similar Description - P502-04SC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
logo
PhaseLink Corporation
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
   96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
logo
Micrel Semiconductor
PL602-04 MICREL-PL602-04 Datasheet
260Kb / 4P
   Low Phase Noise CMOS XO (96MHz to 200MHz)
logo
PhaseLink Corporation
PLL602-04 PLL-PLL602-04 Datasheet
201Kb / 4P
   Low Phase Noise CMOS XO (96MHz to 200MHz)
logo
Abracon Corporation
ABX0204 ABRACON-ABX0204 Datasheet
54Kb / 4P
   Low Phase Noise CMOS XO (96MHz to 200MHz)
logo
PhaseLink Corporation
P521-23 PLL-P521-23 Datasheet
215Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-29 PLL-P521-29 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (100MHz to 200MHz)
P521-28 PLL-P521-28 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com