Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL502-27XOC Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL502-27XOC
Description  Low Phase Noise VCXO (24MHz to 50MHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-27XOC Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL502-27XOC Datasheet HTML 1Page - PhaseLink Corporation PLL502-27XOC Datasheet HTML 2Page - PhaseLink Corporation PLL502-27XOC Datasheet HTML 3Page - PhaseLink Corporation PLL502-27XOC Datasheet HTML 4Page - PhaseLink Corporation PLL502-27XOC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Preliminary
PLL502-27
Low Phase Noise VCXO (24MHz to 50MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 2/25/03 Page 5
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY
: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL502-27 X C
PART NUMBER
TEMPERATURATURE
C=COMMERCIAL
M=MILITARY
I=INDUSTRAL
PACKAGE TYPE
S=SOIC, O=TSSOP
C
L
A
8 PIN ( dimensions in mm )
Narrow SOIC
Symbol
Min.
Max.
A
1.47
1.73
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
4.95
E
3.80
4.00
H
5.80
6.20
L
0.38
1.27
e
1.27 BSC
E
H
D
A1
e
B
TSSOP
Min.
Max.
-
1.20
0.05
0.15
0.19
0.30
0.09
0.20
2.90
3.10
4.30
4.50
6.20
6.60
0.45
0.75
0.65 BSC


Similar Part No. - PLL502-27XOC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-21 PLL-PLL502-21 Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOC PLL-PLL502-21SOC Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOI PLL-PLL502-21SOI Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOM PLL-PLL502-21SOM Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SSC PLL-PLL502-21SSC Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
More results

Similar Description - PLL502-27XOC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-01 PLL-PLL502-01 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
Abracon Corporation
ABV0202 ABRACON-ABV0202 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
logo
List of Unclassifed Man...
PLL502-02 ETC1-PLL502-02 Datasheet
177Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-02 PLL-PLL502-02 Datasheet
180Kb / 4P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL602-01 PLL-PLL602-01 Datasheet
202Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
logo
Abracon Corporation
ABX0201 ABRACON-ABX0201 Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL502-21 PLL-PLL502-21 Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-22 PLL-PLL502-22 Datasheet
139Kb / 6P
   384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com