Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL500-37B Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL500-37B
Description  Low Power CMOS Output VCXO Family (17MHz to 130MHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-37B Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL500-37B Datasheet HTML 1Page - PhaseLink Corporation PLL500-37B Datasheet HTML 2Page - PhaseLink Corporation PLL500-37B Datasheet HTML 3Page - PhaseLink Corporation PLL500-37B Datasheet HTML 4Page - PhaseLink Corporation PLL500-37B Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL500-17B/27B/37B
Low Power CMOS Output VCXO Family (17MHz to 130MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/21/05 Page 1
FEATURES
• VCXO output for the 17MHz to 130MHz range
- PLL500-17B: 17MHz to 36MHz
- PLL500-27B: 27MHz to 65MHz
- PLL500-37B: 65MHz to 130MHz
• Low phase noise (-142 dBc @ 10kHz offset).
• CMOS output with OE tri-state control.
• Selectable output drive (Standard or High drive).
- Standard: 8mA drive capability at TTL level.
- High: 24mA drive capability at TTL level.
• Fundamental crystal input.
• Integrated high linearity variable capacitors.
• +/- 150 ppm pull range, max 5% linearity.
• Low jitter (RMS): 2.5ps period jitter.
• 2.5 to 3.3V operation.
• Available in 8-Pin SOIC or DIE.
DESCRIPTION
The PLL500-17B/27B/37B are a low cost, high per-
formance, low phase noise, and high linearity VCXO
family for the 17 to 130MHz range, providing less
than -130dBc at 10kHz offset. The very low jitter (2.5
ps RMS period jitter) makes these chips ideal for
applications requiring voltage controlled frequency
sources. The IC’s are designed to accept fundamen-
tal resonant mode crystals.
FREQUENCY RANGE
PART #
MULTIPLIER
FREQUENCY
PLL500-17B
No PLL
17 – 36 MHz
PLL500-27B
No PLL
27 – 65 MHz
PLL500-37B
No PLL
65 – 130 MHz
PIN CONFIGURATION
^: Denotes internal Pull-up
DIE PAD LAYOUT
DIE SPECIFICATIONS
Name
Value
Size
39 x 32 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
BLOCK DIAGRAM
XTAL
OSC
OE
XIN
XOUT
VCON
VARICAP
1
2
3
45
6
7
8
XIN
OE^
VIN
GND
XOUT
VDD*
CLK
DS^
5
Y
X
(0,0)
(812,986)
32 mil
8
6
2
3
4
7
DIE ID:PLL500-17B: C500A0505-05P
PLL500-27B: C500A0505-05Q
PLL500-37B: C500A0505-05R
1 XIN
OE^
CLK
GND
VCON
XOUT
DRIVSEL^
VDD
Note: ^ denotes internal pull up


Similar Part No. - PLL500-37B

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL500-37B PLL-PLL500-37B Datasheet
208Kb / 5P
   Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL500-37BDC PLL-PLL500-37BDC Datasheet
208Kb / 5P
   Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL500-37BSC PLL-PLL500-37BSC Datasheet
208Kb / 5P
   Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL500-37BSC-R PLL-PLL500-37BSC-R Datasheet
208Kb / 5P
   Low Power CMOS Output VCXO Family (27MHz to 200MHz)
More results

Similar Description - PLL500-37B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0017B ABRACON-ABV0017B Datasheet
65Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
03/21/05
logo
PhaseLink Corporation
PLL500-27 PLL-PLL500-27 Datasheet
99Kb / 5P
   Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL500-27B PLL-PLL500-27B Datasheet
208Kb / 5P
   Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL500-17 PLL-PLL500-17 Datasheet
208Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
Abracon Corporation
ABV0017 ABRACON-ABV0017 Datasheet
62Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
03/21/05
logo
PhaseLink Corporation
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
Micrel Semiconductor
PL500-17 MICREL-PL500-17 Datasheet
321Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
Micrel Semiconductor
PL500-37 MICREL-PL500-37 Datasheet
322Kb / 6P
   Low Phase Noise VCXO (36MHz to 130MHz)
logo
PhaseLink Corporation
PLL500-37 PLL-PLL500-37 Datasheet
200Kb / 5P
   Low Phase Noise VCXO (36MHz to 130MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com