Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN5491K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN5491K
Description  Synchronous signal and deflection distortion correction processing IC supporting I2C bus for HD, wide television
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN5491K Datasheet(HTML) 1 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ICs for TV
1
AN5491K
Synchronous signal and deflection distortion correction processing IC
supporting I2C bus for HD, wide television
s Overview
The AN5491K is a deflection processor IC for syn-
chronous signal processing and screen distortion correc-
tion. It synchronizes with the input signal of High-vision,
wide television, NTSC, PAL and VGA by the external
binary input signal of them so that a multimedia television
can be realized easily.
s Features
• Supports the multiple-point horizontal frequency
(15.7 kHz to 62.7 kHz)
• Horizontal duty is controllable by external voltage.
• Built-in full functions for correction
(Horizontal and vertical: 16 items)
• Over-current detection, shut-down and hold-down
s Applications
• High-vision televisions, Wide screen televisions and
Projection televisions
SDIP042-P-0600A
Unit: mm
13.7±0.3
15.3±0.25
3
° to 15°
0.96±0.25
4.76±0.25
3.3±0.25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
0.3
+0.1
–0.05


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn