Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL500-17B Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL500-17B
Description  Low Phase Noise VCXO (17MHz to 36MHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-17B Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL500-17B Datasheet HTML 1Page - PhaseLink Corporation PLL500-17B Datasheet HTML 2Page - PhaseLink Corporation PLL500-17B Datasheet HTML 3Page - PhaseLink Corporation PLL500-17B Datasheet HTML 4Page - PhaseLink Corporation PLL500-17B Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PLL500-17B/27B/37B
Low Power CMOS Output VCXO Family (17MHz to 130MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/21/05 Page 5
PACKAGE INFORMATION
SOIC 8L
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex
press written approval of the President of PhaseLink Corporation.
Dimension in MM
Symbol
Min.
Max.
A
1.35
1.75
A1
0.10
0.25
A2
1.25
1.50
B
0.33
0.53
C
0.19
0.27
D
4.80
5.00
E
3.80
4.00
H
5.80
6.20
L
0.40
0.89
e
1.27 BSC
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL500-X7B X X X X
Order Number
Marking
Package Option
PLL500-X7BDC
P500-X7BDC
Die (Waffle Pack)
PLL500-X7BSC
P500-X7BSC
8-Pin SOIC (Tube)
PLL500-X7BSC-R
P500-X7BSC
8-Pin SOIC (Tape and Reel)
PLL500-X7BSCL
P500-X7BSCL
8-Pin SOIC (Tube), GREEN
PLL500-X7BSCL-R
P500-X7BSCL
8-Pin SOIC (Tape and Reel) , GREEN
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
S=SSOP
NONE=NORMAL PACKAGE
L=GREEN PACKAGE
NONE= TUBE
R=TAPE AND REEL
(Dimensions in mm)
C
L
A2
E
H
D
A1
e
b
A


Similar Part No. - PLL500-17B

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL500-17B PLL-PLL500-17B Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PLL500-17BSC PLL-PLL500-17BSC Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PLL500-17BSCL PLL-PLL500-17BSCL Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PLL500-17BSCLR PLL-PLL500-17BSCLR Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PLL500-17BSCR PLL-PLL500-17BSCR Datasheet
198Kb / 5P
   Low Power CMOS Output VCXO Family (17MHz to 130MHz)
More results

Similar Description - PLL500-17B

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL500-17 PLL-PLL500-17 Datasheet
208Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
Abracon Corporation
ABV0017 ABRACON-ABV0017 Datasheet
62Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
03/21/05
logo
Micrel Semiconductor
PL500-17 MICREL-PL500-17 Datasheet
321Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
Micrel Semiconductor
PL500-37 MICREL-PL500-37 Datasheet
322Kb / 6P
   Low Phase Noise VCXO (36MHz to 130MHz)
logo
PhaseLink Corporation
PLL500-37 PLL-PLL500-37 Datasheet
200Kb / 5P
   Low Phase Noise VCXO (36MHz to 130MHz)
PLL500-15 PLL-PLL500-15 Datasheet
212Kb / 6P
   Low Phase Noise VCXO (1MHz to 18MHz)
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com