Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL130-09 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL130-09
Description  High Speed Translator Buffer to LVDS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL130-09 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL130-09 Datasheet HTML 1Page - PhaseLink Corporation PLL130-09 Datasheet HTML 2Page - PhaseLink Corporation PLL130-09 Datasheet HTML 3Page - PhaseLink Corporation PLL130-09 Datasheet HTML 4Page - PhaseLink Corporation PLL130-09 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLL130-09
High Speed Translator Buffer to LVDS
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/09/04 Page 3
3. LVDS Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Differential Voltage
VOD
247
355
454
mV
VDD Magnitude Change
∆VOD
-50
50
mV
Output High Voltage
VOH
1.4
1.6
V
Output Low Voltage
VOL
0.9
1.1
V
Offset Voltage
VOS
1.125
1.2
1.375
V
Offset Magnitude Change
∆VOS
RL = 100
(see figure)
0
3
25
mV
Power-off Leakage
IOXD
Vout = VDD or GND
VDD = 0V
±1
±10
uA
Output Short Circuit Current
IOSD
-5.7
-8
mA
4. LVDS Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Differential Clock Rise Time
tr
0.2
0.7
1.0
ns
Differential Clock Fall Time
tf
RL = 100
CL = 10 pF
(see figure)
0.2
0.7
1.0
ns
OUT
OUT
V
OD
V
OS
50
50
OUT
V
DIFF
R
L = 100Ω
C
L = 10pF
C
L = 10pF
LVDS Switching Test Circuit
LVDS Levels Test Circuit
LVDS Transistion Time Waveform
OUT
OUT
OUT
0V (Differential)
0V
20%
80%
20%
80%
t
R
t
F
V
DIFF


Similar Part No. - PLL130-09

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL130-05 PLL-PLL130-05 Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QC PLL-PLL130-05QC Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QC-R PLL-PLL130-05QC-R Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QI PLL-PLL130-05QI Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
PLL130-05SC PLL-PLL130-05SC Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
More results

Similar Description - PLL130-09

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABB3009 ABRACON-ABB3009 Datasheet
90Kb / 5P
   High Speed Translator Buffer to LVDS
logo
PhaseLink Corporation
PLL130-08 PLL-PLL130-08 Datasheet
240Kb / 5P
   High Speed Translator Buffer to PECL
logo
Microchip Technology
PL130-07 MICROCHIP-PL130-07 Datasheet
294Kb / 16P
   High Speed Translator Buffer to LVCMOS
06/23/16
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
   High Speed Translator Buffer to CMOS
logo
Abracon Corporation
ABB3008 ABRACON-ABB3008 Datasheet
92Kb / 5P
   High Speed Translator Buffer to PECL
logo
ON Semiconductor
NB6L14S ONSEMI-NB6L14S_11 Datasheet
241Kb / 11P
   Differential Input to LVDS Fanout Buffer/Translator
October, 2011 ??Rev. 2
logo
Abracon Corporation
ABB3005 ABRACON-ABB3005 Datasheet
87Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
ABB3007 ABRACON-ABB3007 Datasheet
86Kb / 5P
   High Speed Translator Buffer to CMOS (Selectable Drive)
logo
PhaseLink Corporation
PLL130-05 PLL-PLL130-05 Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
PLL130-07 PLL-PLL130-07 Datasheet
231Kb / 5P
   High Speed Translator Buffer to CMOS (Selectable Drive)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com