Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL502-11SSC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL502-11SSC
Description  96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-11SSC Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL502-11SSC Datasheet HTML 1Page - PhaseLink Corporation PLL502-11SSC Datasheet HTML 2Page - PhaseLink Corporation PLL502-11SSC Datasheet HTML 3Page - PhaseLink Corporation PLL502-11SSC Datasheet HTML 4Page - PhaseLink Corporation PLL502-11SSC Datasheet HTML 5Page - PhaseLink Corporation PLL502-11SSC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
PLL502-11
96MHz – 200MHz Low Phase Noise PECL VCXO (12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 7/15/02 Page 4
5. Jitter and Phase Noise specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS at 155MHz
With capacitive decoupling
between VDD and GND.
9
ps
Accumulated jitter RMS at 155MHz
With capacitive decoupling
between VDD and GND. Over
10,000 cycles.
TBM
ps
Integrated jitter RMS at 155MHz
Integrated 12 kHz to 20 MHz
3
4
ps
Phase Noise relative to carrier
155MHz @10Hz offset
-60
dBc/Hz
Phase Noise relative to carrier
155MHz @100Hz offset
-90
dBc/Hz
Phase Noise relative to carrier
155MHz @1kHz offset
-112
dBc/Hz
Phase Noise relative to carrier
155MHz @10kHz offset
-125
dBc/Hz
Phase Noise relative to carrier
155MHz @100kHz offset
-123
dBc/Hz
Note: Phase Noise measured at VIN = 0V


Similar Part No. - PLL502-11SSC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-10 PLL-PLL502-10 Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-10DC PLL-PLL502-10DC Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-10DI PLL-PLL502-10DI Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-10DM PLL-PLL502-10DM Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
   96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
More results

Similar Description - PLL502-11SSC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
ABX0211 ABRACON-ABX0211 Datasheet
62Kb / 5P
   96MHz ??200MHz Low Phase Noise PECL XO (12 ??25MHz Crystals)
logo
PhaseLink Corporation
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
   96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
PLL602-11 PLL-PLL602-11 Datasheet
198Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL XO (12 - 25MHz Crystals)
PLL602-10 PLL-PLL602-10 Datasheet
122Kb / 7P
   96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
logo
Abracon Corporation
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
ABV0212 ABRACON-ABV0212 Datasheet
81Kb / 5P
   96MHz ??192MHz Low Phase Noise LVDS VCXO (12 ??25MHz Crystal)
logo
PhaseLink Corporation
PLL502-10 PLL-PLL502-10 Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com