Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL702-03OM Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL702-03OM
Description  Low EMI Peripheral Clock Generator for Notebook PCs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-03OM Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL702-03OM Datasheet HTML 1Page - PhaseLink Corporation PLL702-03OM Datasheet HTML 2Page - PhaseLink Corporation PLL702-03OM Datasheet HTML 3Page - PhaseLink Corporation PLL702-03OM Datasheet HTML 4Page - PhaseLink Corporation PLL702-03OM Datasheet HTML 5Page - PhaseLink Corporation PLL702-03OM Datasheet HTML 6Page - PhaseLink Corporation PLL702-03OM Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
PLL702-03
Low EMI Peripheral Clock Generator for Notebook PCs
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 10/06/02 Page 1
FEATURES
• Single Low EMI IC to replace multiple crystals and
oscillators on Notebooks and Motherboards (27MHz,
8MHz, 12MHz, 24.576MHz, 25MHz).
• Single crystal input: 24.576MHz (accuracy requirement
+/- 20ppm)
• Less than 10ppm Frequency Synthesis error, meeting
AC97, IEEE1394, IEEE802 and USB2.0 frequency
precision specification.
• 27MHz clock with 5 levels of Selectable Spread
Spectrum modulation form +/- 0.5% to +/- 1.5% center.
• 25MHz clock with double drive strength (Ethernet PHY
and MAC).
• 24.576MHz clocks for Audio Codec and IEEE1394.
• Selectable 12MHz (USB 2.0) or 8MHz (Keyboard
controller).
• Dual power source selection for 24.576MHz, 8MHz, and
12MHz.
Available in 16-Pin SOIC or TSSOP.
Table 1. SPREAD SPECTRUM SELECTION
SST1
SST0
SST Modulation only on
27MHz. (pin 15)
1
1
+/- 1.5 %
1
0
+/- 1.25 %
1
M
+/- 1 %
0
1
+/- 0.75 %
0
0
+/- 0.5 %
0
M
SST OFF (Default)
Notes: M = Do not connect. 1 = Pulled up. 0 = Pulled down.
Table 2. POWER SELECTION TABLE
VDD_SEL
24.576MHz
(pin 7)
12MHz (pin 12)
8MHz (pin 13)
0
VDDB1
VDDB2
1
VDD25M
VDD25M
PIN ASSIGNMENT
POWER GROUPS
• VDDOSC –VSSOSC: XIN, XOUT, analog core and
digital part.
• VDDB1 –VSSB1: 24.576MHz.
• VDDB2 –VSSB2: 27MHz, 8MHz, and 12MHz.
VDD25M –VSS25M: 25MHz, (also used for 12MHz,
8MHz when power VDDB2 is not present, and
24.576MHz when power VDDB1 is not present).
1
2
3
4
5
6
7
8
VDDOSC
9
10
11
12
13
14
15
16
XIN
XOUT
VSSOSC
VSSB1
24.576MHz/SST0* T
24.576MHz/SST1* v
VDDB1
VDDB2
27MHz
VSSB2
8MHz
12MHz/VDD_SEL* v
VSS25M
25MHzx2
VDD25M
Note: 25MHzx2: double drive strength
*: Bi-directional pin
v : Internal pull-down resistor (120k
Ω)
T: Tri-level input


Similar Part No. - PLL702-03OM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
PLL702-01XC PLL-PLL702-01XC Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
PLL702-01XC-R PLL-PLL702-01XC-R Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
PLL702-01XCL PLL-PLL702-01XCL Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
PLL702-01XCLR PLL-PLL702-01XCLR Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
More results

Similar Description - PLL702-03OM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL702-05 PLL-PLL702-05 Datasheet
244Kb / 6P
   Low EMI Peripheral Clock Generator for Notebook
PLL702-02 PLL-PLL702-02 Datasheet
306Kb / 7P
   Low EMI Peripheral Clock Generator for Notebook & Motherboards
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
   LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com