Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5448 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AN5448
Description  TILT correction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5448 Datasheet(HTML) 8 Page - Panasonic Semiconductor

  AN5448 Datasheet HTML 1Page - Panasonic Semiconductor AN5448 Datasheet HTML 2Page - Panasonic Semiconductor AN5448 Datasheet HTML 3Page - Panasonic Semiconductor AN5448 Datasheet HTML 4Page - Panasonic Semiconductor AN5448 Datasheet HTML 5Page - Panasonic Semiconductor AN5448 Datasheet HTML 6Page - Panasonic Semiconductor AN5448 Datasheet HTML 7Page - Panasonic Semiconductor AN5448 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AN5448
ICs for TV
8
s Application Circuit Example
* The above characteristics are reference values based on design and not guaranteed values.
12 V
VCC
20
µF
10
100
Ω/1 W
6.8 k
5 kB
s Technical Information
• P
D  Ta curve of SIP009-P-0000C
PD  Ta
0
200
400
600
800
1000
874
0
25
150
Ambient temperature T
a (°C)
50
75
100
125
Independent IC
without a heat sink
Rth (j−a) = 143°C/W
PD = 874 mW (25°C)


Similar Part No. - AN5448

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5441 PANASONIC-AN5441 Datasheet
120Kb / 13P
   Deflection distortion correction IC
AN5441S PANASONIC-AN5441S Datasheet
120Kb / 13P
   Deflection distortion correction IC
More results

Similar Description - AN5448

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5768 PANASONIC-AN5768 Datasheet
47Kb / 5P
   TILT correction IC
logo
Fairchild Semiconductor
FAN7071 FAIRCHILD-FAN7071 Datasheet
318Kb / 8P
   Landing Correction IC
logo
Panasonic Semiconductor
AN5385K PANASONIC-AN5385K Datasheet
85Kb / 9P
   Contour correction IC
AN5441S PANASONIC-AN5441S Datasheet
120Kb / 13P
   Deflection distortion correction IC
AN5452 PANASONIC-AN5452 Datasheet
69Kb / 9P
   IC for landing correction
logo
American Electronic Com...
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
   tilt sensor / tilt switch
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP Datasheet
308Kb / 41P
   Power Factor Correction Controller IC
logo
Cirrus Logic
CS1500 CIRRUS-CS1500_1 Datasheet
1Mb / 22P
   Digital Power Factor Correction IC
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com