Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5441 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN5441
Description  Deflection distortion correction IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5441 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AN5441 Datasheet HTML 2Page - Panasonic Semiconductor AN5441 Datasheet HTML 3Page - Panasonic Semiconductor AN5441 Datasheet HTML 4Page - Panasonic Semiconductor AN5441 Datasheet HTML 5Page - Panasonic Semiconductor AN5441 Datasheet HTML 6Page - Panasonic Semiconductor AN5441 Datasheet HTML 7Page - Panasonic Semiconductor AN5441 Datasheet HTML 8Page - Panasonic Semiconductor AN5441 Datasheet HTML 9Page - Panasonic Semiconductor AN5441 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AN5441S
ICs for TV
6
s Electrical Characteristics at Ta = 25°C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Ramp discharge current
IRD
6.7
8.9
11.1
mA
Ramp charge current 1
IRC(1)
Pin 24: 1 V
40
45
52
µA
Vertical output at service SW
VSSW
4.55
4.95
5.35
V
Broken neck threshold voltage
VNeck
Service SW: Off
0.5
0.7
0.9
V
BLK output amplitude
VBO
2.8
3.1
3.4
V
H-AGC voltage 1
VHAGC(1) HD: 14 kHz
2.6
3.25
3.9
V
H-AGC voltage 2
VHAGC(2) HD: 17 kHz
3.1
3.85
4.6
V
H-AGC pulse width
fHA
3 k
Ω resistor between pin 11 and GND
1.5
2.2
3.0
µs
V-AGC pulse width
fVA
3 k
Ω resistor between pin 24 and GND
75
110
150
µs
EW output drive current 2
IEW(2)
Pin 18: 1 V
−1.3 − 0.9 − 0.5
mA
Ramp charge current 2
IRC(2)
Pin 24: 10 V
7
10
13
µA
H-AGC current
∆VV
HAGC
∆V HD: 17 kHz ∆V
0.2
0.6
1.1
V
VD input threshold value
VVD
0.9
1.3
1.7
V
FBP input threshold value
VFBP
0.5
0.7
0.9
V
High-level I2C SDA input
VSDA(H)
4.0
VCC1
V
low-level I2C SDA input
VSDA(L)
0
0.7
V
High-level I2C SCL input
VSCL(H)
4.0
VCC1
V
Low-level I2C SCL input
VSCL(L)
0
0.7
V
Maximum input allowable frequency
fi max
100

kHz
Vertical output amplitude with
∆e
V-Vcc
Difference of VCC(max) −VCC(min)
0
0.1
0.5
V
supply voltage fluctuation
Vertical output with DC supply
∆e
VD-Vcc
Difference of VCC(max) −VCC(min)
0.5
1.0
1.5
V
voltage fluctuation
EW output amplitude with
∆e
E-Vcc
Difference of VCC(max) −VCC(min)
0
0.1
0.5
V
supply voltage fluctuation
EW output with DC supply
∆e
ED-Vcc
Difference of VCC(max) −VCC(min)
0.4
1.0
1.6
V
voltage fluctuation
Sink current at ACK
IACK
Maximum value of pin 1 sink current
2.5
mA
at ACK
3-bit, 4-bit, 6-bit, 7-bit DAC
L3, 4, 6, 7 1LSB = {data (max.) − data (00)}/
0.1
1.0
1.9
LSB/
DNLE
7, 15, 63, 127
step
Vertical output drive current
IV Out
711
15
mA


Similar Part No. - AN5441

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5448 PANASONIC-AN5448 Datasheet
59Kb / 8P
   TILT correction IC
More results

Similar Description - AN5441

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5491K PANASONIC-AN5491K Datasheet
153Kb / 17P
   Synchronous signal and deflection distortion correction processing IC supporting I2C bus for HD, wide television
logo
Toshiba Semiconductor
TA1252AN TOSHIBA-TA1252AN Datasheet
365Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
TA1252ANG TOSHIBA-TA1252ANG Datasheet
379Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
logo
Hangzhou Youwang Electr...
UTC78040 YOUWANG-UTC78040 Datasheet
118Kb / 5P
   VERTICAL DEFLECTION IC
logo
List of Unclassifed Man...
C300 ETC2-C300 Datasheet
696Kb / 4P
   MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Intronics Power, Inc.
C300 INTRONICS-C300 Datasheet
646Kb / 4P
   MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Toshiba Semiconductor
TA1310ANG TOSHIBA-TA1310ANG Datasheet
2Mb / 106P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
logo
Panasonic Semiconductor
AN5448 PANASONIC-AN5448 Datasheet
59Kb / 8P
   TILT correction IC
logo
Toshiba Semiconductor
TA1310AN TOSHIBA-TA1310AN Datasheet
3Mb / 104P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
logo
Fairchild Semiconductor
FAN7071 FAIRCHILD-FAN7071 Datasheet
318Kb / 8P
   Landing Correction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com