Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL701-50 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL701-50
Description  Low EMI Spread Spectrum Multiplier IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-50 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL701-50 Datasheet HTML 1Page - PhaseLink Corporation PLL701-50 Datasheet HTML 2Page - PhaseLink Corporation PLL701-50 Datasheet HTML 3Page - PhaseLink Corporation PLL701-50 Datasheet HTML 4Page - PhaseLink Corporation PLL701-50 Datasheet HTML 5Page - PhaseLink Corporation PLL701-50 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL701-50
Low EMI Spread Spectrum Multiplier IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 1
FEATURES
• Spread Spectrum Clock Generator/Multiplier with
output selectable from 1x to 8x.
• 13MHz to 224MHz output with output enable.
• 13MHz to 30 MHz input frequency from crystal or
external clock signal.
• Reduced EMI from Spread Spectrum Modulation,
with selectable modulation magnitude for Center
Spread, Down Spread or Asymmetric Spread.
• TTL/CMOS compatible outputs.
• 3.3V Operating Voltage.
• 150 ps maximum cycle-to-cycle jitter.
• Available in 16-Pin 150mil SSOP.
DESCRIPTION
The PLL701-50 is a low EMI Clock Generator and
Multiplier for high-speed digital systems. It uses
PhaseLink’s unique (Patent Pending) Spread
Spectrum Technology (SST) and permits different
levels of EMI reduction by selecting the amplitude of
the applied SST. The SST feature can be disabled.
The chip operates with input frequencies ranging from
13 to 30 MHz and provides 1x to 8x multiplication at
its output.
OUTPUT CLOCK (FOUT) SELECTION
M2
M1
M0
FIN/XIN
(MHz)
Multiplier
FOUT
(MHz)
0
0
0
13 ~ 28
X1
13 ~ 28
0
0
1
13 ~ 28
X2
26 ~ 56
0
1
0
14 ~ 30
X3
42 ~ 90
0
1
1
13 ~ 28
X4
52 ~ 112
1
0
0
20 ~ 30
X5
100 ~ 150
1
0
1
17 ~ 30
X6
102 ~ 180
1
1
0
15 ~ 30
X7
105 ~ 210
1
1
1
13 ~ 28
X8
104 ~ 224
BLOCK DIAGRAM
DIE PAD CONFIGURATION
DIE SPECIFICATIONS
Name
Value
Size
104 x 69 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
XTAL
OSC
FOUT
XIN/FIN
XOUT
M(0:2)
PLL
SST
Control
Logic
OE
SC(0:3)
SD(0:1)
REF
XOUT/SD0*^
GNDOSC
M2^
M1^
SC0^
M0^
SC1^
AVDD
AVDD
REF/SD1*^
VDD
VDD (optional)
VDD (optional)
SC3^
OE^
FOUT
GNDBUF
1
10
8
7
6
5
4
17
16
15
14
13
12
18
35
34
30
29
28
25
23
22
21
20
19
Y
X
69 mil
1700, 2540
C501A
A2727
-27
33
TESTB


Similar Part No. - PLL701-50

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-02 PLL-PLL701-02 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-04 PLL-PLL701-04 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05SC PLL-PLL701-05SC Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - PLL701-50

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABE0110 ABRACON-ABE0110 Datasheet
251Kb / 7P
   Low EMI Spread Spectrum Multiplier IC
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com