Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PLL701-31 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part No. PLL701-31
Description  Low EMI Spread Spectrum Multiplier Clock
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLL [PhaseLink Corporation]
Homepage  http://www.phaselink.com
Logo 

PLL701-31 Datasheet(HTML) 4 Page - PhaseLink Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLL701-31
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 11/28/05 Page 4
2. DC/AC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.7
3.0
3.3
V
Input High Voltage
VIH
0.7* VDD
V
Input Low Voltage
VIL
0.3* VDD
V
Input High Current
IIH
100
µA
Input Low Current
IIL
100
µA
Output High Voltage
VOH
IOH=5mA, VDD =3.3V
2.4
Output Low Voltage
VOL
IOL=6mA, VDD =3.3V
0.4
FXIN
When using a crystal
10
30
MHz
Input Frequency
FIN
When using reference clock
10
30
MHz
Maximum interruption of FIN
When using reference clock
100
µs
Load Capacitance
CL
Between Pin XIN and
XOUT*
18
pF
Pull-up Resistor
Rup
PIN 2
120
k
Pull-up Resistor
Rup
PIN 3, 4, 7
30
k
Short Circuit Current
Isc
50
mA
3.3V Dynamic Supply Current
ICC
No Load
18
mA
*Note: Pin XIN and XOUT each has a 36pF capacitance. When used with a XTAL, the two capacitors combined load the crystal with 18pF. If driving
XIN with a reference clock signal, the load capacitance will be 36pF (typical).
3. Timing Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Rise Time
Tr
Measured at 0.8V ~ 2.0V @ 3.3V
0.8
0.95
1.1
ns
Fall Time
Tf
Measured at 2.0V ~ 0.8V @ 3.3V
0.78
0.85
0.9
ns
Output Duty Cycle
DT
45
50
55
%
Cycle to Cycle Jitter
Tcyc-cyc
FOUT=48MHz @ 3.3V
100
ps
Cycle to Cycle Jitter
Tcyc-cyc
FOUT=72MHz @ 3.3V
100
ps


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PLL701-11Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 PhaseLink Corporation
PLL701-13Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 PhaseLink Corporation
PLL701-14Low EMI Spread Spectrum 6x Multiplier Clock 1 2 3 4 5 PhaseLink Corporation
PLL701-17Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 PhaseLink Corporation
PLL701-21Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 PhaseLink Corporation
PLL701-25Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 PhaseLink Corporation
PLL701-26Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 PhaseLink Corporation
PLL701-01Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 PhaseLink Corporation
PLL701-05Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 PhaseLink Corporation
PLL701-10Low EMI Spread Spectrum Multiplier IC in Die or Package 1 2 3 4 5 MorePhaseLink Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn