Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL602-11 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL602-11
Description  96MHz - 200MHz Low Phase Noise PECL XO (12 - 25MHz Crystals)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-11 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL602-11 Datasheet HTML 1Page - PhaseLink Corporation PLL602-11 Datasheet HTML 2Page - PhaseLink Corporation PLL602-11 Datasheet HTML 3Page - PhaseLink Corporation PLL602-11 Datasheet HTML 4Page - PhaseLink Corporation PLL602-11 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLL602-11
96MHz – 200MHz Low Phase Noise PECL XO (12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
VDD
1,2,16
P
Power supply.
XIN
3
I
Crystal input. See Crystal Specifications on page 2.
XOUT
4
I
Crystal output. See Crystal Specifications on page 2.
OE
5
I
Output enable input. Disables (tri-state) output when low. Internal pull-up
enables output by default if pin is not connected to low.
N/C
6
-
Not connected.
GND
7,8,9,10
P
Ground.
GND_BUF
11,15
P
Ground for output buffers.
CLK
12
O
True clock output.
VDD_BUF
13
P
Power supply for output buffers.
CLKB
14
O
Complementary clock output.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
12
25
MHz
Crystal Loading Rating
CL (xtal)
20
pF
Recommended ESR
RE
AT cut
30


Similar Part No. - PLL602-11

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-10 PLL-PLL602-10 Datasheet
122Kb / 7P
   96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL602-10DC PLL-PLL602-10DC Datasheet
122Kb / 7P
   96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL602-10DI PLL-PLL602-10DI Datasheet
122Kb / 7P
   96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL602-10DM PLL-PLL602-10DM Datasheet
122Kb / 7P
   96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL602-12 PLL-PLL602-12 Datasheet
196Kb / 5P
   96MHz - 192MHz Low Phase Noise LVDS XO (12 - 25MHz Crystal)
More results

Similar Description - PLL602-11

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0211 ABRACON-ABX0211 Datasheet
62Kb / 5P
   96MHz ??200MHz Low Phase Noise PECL XO (12 ??25MHz Crystals)
logo
PhaseLink Corporation
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
logo
PhaseLink Corporation
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
   96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
PLL602-10 PLL-PLL602-10 Datasheet
122Kb / 7P
   96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
logo
Abracon Corporation
ABX0212 ABRACON-ABX0212 Datasheet
60Kb / 5P
   96MHz -192MHz Low Phase Noise LVDS XO (12 ??25MHz Crystal)
03/21/05
logo
PhaseLink Corporation
PLL602-12 PLL-PLL602-12 Datasheet
196Kb / 5P
   96MHz - 192MHz Low Phase Noise LVDS XO (12 - 25MHz Crystal)
logo
Micrel Semiconductor
PL602-04 MICREL-PL602-04 Datasheet
260Kb / 4P
   Low Phase Noise CMOS XO (96MHz to 200MHz)
logo
PhaseLink Corporation
PLL602-04 PLL-PLL602-04 Datasheet
201Kb / 4P
   Low Phase Noise CMOS XO (96MHz to 200MHz)
logo
Abracon Corporation
ABX0204 ABRACON-ABX0204 Datasheet
54Kb / 4P
   Low Phase Noise CMOS XO (96MHz to 200MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com