Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PLL701-10 Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL701-10
Description  Low EMI Spread Spectrum Multiplier IC (in Die or Package)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-10 Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL701-10 Datasheet HTML 1Page - PhaseLink Corporation PLL701-10 Datasheet HTML 2Page - PhaseLink Corporation PLL701-10 Datasheet HTML 3Page - PhaseLink Corporation PLL701-10 Datasheet HTML 4Page - PhaseLink Corporation PLL701-10 Datasheet HTML 5Page - PhaseLink Corporation PLL701-10 Datasheet HTML 6Page - PhaseLink Corporation PLL701-10 Datasheet HTML 7Page - PhaseLink Corporation PLL701-10 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PLL701-10
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 6
3. TIMING CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Rise Time
Tr
Measured at 0.8V ~ 2.0V @ 3.3V
0.8
0.95
1.1
ns
Fall Time
Tf
Measured at 2.0V ~ 0.8V @ 3.3V
0.78
0.85
0.9
ns
Output Duty Cycle
DT
45
50
55
%
Cycle to Cycle Jitter
Tcyc-cyc
X1, X2, X4, X8 FOUT @ 3.3V
100
ps
Cycle to Cycle Jitter
Tcyc-cyc
X3, X5, X6, X7 FOUT @ 3.3V
150
ps


Similar Part No. - PLL701-10

ManufacturerPart #DatasheetDescription
PhaseLink Corporation
PhaseLink Corporation
PLL701-11 PLL-PLL701-11 Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SC PLL-PLL701-11SC Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SC-R PLL-PLL701-11SC-R Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SCL PLL-PLL701-11SCL Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-11SCL-R PLL-PLL701-11SCL-R Datasheet
199Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - PLL701-10

ManufacturerPart #DatasheetDescription
PhaseLink Corporation
PhaseLink Corporation
PLL701-50 PLL-PLL701-50 Datasheet
206Kb / 6P
   Low EMI Spread Spectrum Multiplier IC
Abracon Corporation
Abracon Corporation
ABE0110 ABRACON-ABE0110 Datasheet
251Kb / 7P
   Low EMI Spread Spectrum Multiplier IC
PhaseLink Corporation
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
Abracon Corporation
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
PhaseLink Corporation
PhaseLink Corporation
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
Abracon Corporation
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com